전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DLM4148 데이터시트(HTML) 2 Page - Dc Components

부품명 DLM4148
상세내용  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLM4148 데이터시트(HTML) 2 Page - Dc Components

  DLM4148 데이터시트 HTML 1Page - Dc Components DLM4148 데이터시트 HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (DLM4148 AND DLM4448)
v=0
0.1
0.2
0.5
A
100
5
3
2
10
5
3
2
1
5
3
2
2
5
2
5
2
5
2
5
2
5
2
5
Admissible repetitive peak forward current versus pulse duration
10-5
10-4
10-3
10-2
10-1
1
10
S
IFRM
IFRM
v=tp /T T=l /fp
T
t
I
tp
Forward characteristics
IF
103
102
10
1
10-2
10-1
mA
0
1
2
V
VF
Tj=100oC~Tj=25oC
Dynamic forward resistance
versus forward current
Rf
IF
103
102
10
1
104
5
2
5
2
5
2
5
2
10-2
10-1
1
10
102
mA
Tj=25oC
f=1kHz
Relative capacitance
versus reverse voltage
Ctot(VR)
Ctot(OV)
VR
Tj=25oC
f=1kHz
1.1
1.0
0.9
0.8
0.7
V
0
2
4
6
8
10
Admissible power dissipation
versus ambient temperaturs
1000
900
800
700
600
500
400
100
200
100
0
0
100
200
Ptot
Tamb
o
C
mW
REF: DLM4148
tp


Html Pages

1  2 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn