전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA2421DH 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 SA2421DH
상세설명  2.45 GHz low voltage RF transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421DH 데이터시트(HTML) 5 Page - NXP Semiconductors

  SA2421DH Datasheet HTML 1Page - NXP Semiconductors SA2421DH Datasheet HTML 2Page - NXP Semiconductors SA2421DH Datasheet HTML 3Page - NXP Semiconductors SA2421DH Datasheet HTML 4Page - NXP Semiconductors SA2421DH Datasheet HTML 5Page - NXP Semiconductors SA2421DH Datasheet HTML 6Page - NXP Semiconductors SA2421DH Datasheet HTML 7Page - NXP Semiconductors SA2421DH Datasheet HTML 8Page - NXP Semiconductors SA2421DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
5
AC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
–3
σ
TYP
+3
σ
MAX
UNITS
Tx Mixer (Tx OUT = Pin 17, IF = Pins 7 and 8, LO = Pin 10 or 12, PLO = –10 dBm)
PGC
Power conversion gain: RL = 50 Ω
RS = 50 Ω
fS = 2.45 GHz,
fLO = 2.1 GHz,
fIF = 350 MHz
22.5
23
23.5
dB
S11–RF
Output match at RF (2.45 GHz)1
–10
dB
NFM
SSB noise figure (2.45 GHz) (50
Ω)
10.9
11.2
11.5
dB
P-1dB
Output 1dB gain compression
4.2
dBm
IP3
Output third order intercept
f1 – f2 = 1 MHz
10.1
12.2
14.3
dBm
Tx Mixer Spurious Components (POUT = P–1dB)
PIF-RF
IF feedthrough to RF4
–50
dBc
PLO-RF
LO feedthrough to RF5
–22
dBc
PIMAGE-RF
Image feedthrough to RF6
–20
dBc
LO Buffer
PLO IN
LO drive level
–15
–10
–5
dBm
S11-LO
Mixer input match (LO = 2.1 GHz)
–10
dB
fLOG
LOG frequency range3
1.9
2.1
2.3
GHz
Switching2
tRx-Tx
Receive-to-transmit switching time
1
µs
tTx-Rx
Transmit-to-Receive switching time
1
µs
tPOWER UP
Chip enable time
1
µs
tPWR DWN
Chip disable time
1
µs
NOTES:
1. With simple external matching
2. With 50 pF coupling capacitors on all RF and IF parts
3. This part has been optimized for the stated frequency range. Operation outside this frequency range may yield performance other than
specified in this datasheet.
4. Measured 5dB lower than 1dB compression point, with typical output matching network.
5. Measured at 1dB compression point.
6. With typical output matching network (no image reject mixer is used).


유사한 부품 번호 - SA2421DH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
More results

유사한 설명 - SA2421DH

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
   2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Johanson Technology Inc...
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com