전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7484PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7484PBF
상세설명  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7484PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7484PBF Datasheet HTML 1Page - International Rectifier IRF7484PBF Datasheet HTML 2Page - International Rectifier IRF7484PBF Datasheet HTML 3Page - International Rectifier IRF7484PBF Datasheet HTML 4Page - International Rectifier IRF7484PBF Datasheet HTML 5Page - International Rectifier IRF7484PBF Datasheet HTML 6Page - International Rectifier IRF7484PBF Datasheet HTML 7Page - International Rectifier IRF7484PBF Datasheet HTML 8Page - International Rectifier IRF7484PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7484PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 2.3A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
59
89
ns
TJ = 25°C, IF = 2.3A
Qrr
Reverse Recovery Charge
–––
110
170
nC
di/dt = 100A/µs
‚
Source-Drain Ratings and Characteristics
A
110
–––
–––
–––
–––
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board.
„ Starting T
J = 25°C, L = 2.3mH, RG = 25Ω,
IAS = 14A. (See Figure 12).
Notes:
… I
SD ≤ 14A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
† Limited by TJmax , see Fig.16c, 16d, 19, 20 for typical repetitive
avalanche performance.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.040 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
10
m
VGS = 7.0V, ID = 14A
‚
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
40
–––
–––
S
VDS = 10V, ID = 14A
–––
–––
20
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 32V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 8.0V
Gate-to-Source Reverse Leakage
–––
–––
-200
VGS = -8.0V
Qg
Total Gate Charge
–––
69
100
ID = 14A
Qgs
Gate-to-Source Charge
–––
9.0
–––
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
16
–––
VGS = 7.0V
td(on)
Turn-On Delay Time
–––
9.3
–––
VDD = 20V
‚
tr
Rise Time
–––
5.0
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
180
–––
RG = 6.2Ω
tf
Fall Time
–––
58
–––
VGS = 7.0V
Ciss
Input Capacitance
––– 3520 –––
VGS = 0V
Coss
Output Capacitance
–––
660
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
76
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G
2.3


유사한 부품 번호 - IRF7484PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7484 IRF-IRF7484 Datasheet
196Kb / 10P
   HEXFET Power MOSFET
IRF7484Q IRF-IRF7484Q Datasheet
248Kb / 10P
   AUTOMOTIVE MOSFET
IRF7484QPBF IRF-IRF7484QPBF Datasheet
248Kb / 10P
   AUTOMOTIVE MOSFET
More results

유사한 설명 - IRF7484PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com