전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-2016-T150MK 데이터시트(PDF) 8 Page - Kemet Corporation

부품명 LB-2016-T150MK
상세설명  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

LB-2016-T150MK 데이터시트(HTML) 8 Page - Kemet Corporation

Back Button LB-2016-T150MK Datasheet HTML 4Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 5Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 6Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 7Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 8Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 9Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 10Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 11Page - Kemet Corporation LB-2016-T150MK Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
8
Features:
Operating Temperature:
• Small size wound chip inductor with high current
• -25ºC to +105ºC (including self-generated heat)
• Dimension without directional influence on mountability
and characteristics
Applications:
• Digital Still Cameras (DSC), Digital Video Cameras (DVC),
PDA’s and other portable digital equipment
• For DC-DC converter circuit
KEMET Designator
Inductance
Examples: 3N9 = 0.0039μH
10N = 0.01μH
R10 = 0.1μH
1R0 = 1.0μH
100 = 10μH
101 = 100μH
Inductance Tolerance
“-” = Standard, M = ±20%
Type
CB- = Standard Type
CBC = High Current Type
CBL = High Frequency Type
CBMF = Power, Bottom surface electrode
(See part number table)
Case Size
2012 (0805)
2016 (0806)
2518 (1007)
3225 (1210)
Packaging Code
T = Tape & Reel
CB-
Special Code
R = Low Rdc Type
2016
T
100
M
R
K
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
1608
0603
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.4 ±0.15
(0.015 ±0.006)
2012
0805
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2016
0806
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2518
1007
2.5 ±0.2
(0.098 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
3225
1210
3.2 ±0.2
(0.126 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
0.6 ±0.3
(0.024 ±0.012)
E
T
W
L
Wire Wound Chip Inductors - CB Series
Part Numbering Table
Dimension Table in millimeters (inches)


유사한 부품 번호 - LB-2016-T150MK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results

유사한 설명 - LB-2016-T150MK

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com