전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDR31BP131B3W4 데이터시트(PDF) 4 Page - Kemet Corporation

부품명 CDR31BP131B3W4
상세설명  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR31BP131B3W4 데이터시트(HTML) 4 Page - Kemet Corporation

  CDR31BP131B3W4 Datasheet HTML 1Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 2Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 3Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 4Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 5Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 6Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 7Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 8Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
the vector summation of the capacitive reactance, the
inductive reactance, and the ESR, as illustrated in
Figure 2. As frequency increases, the capacitive reac-
tance decreases. However, the series inductance (L)
shown in Figure 1 produces some inductive reactance,
which increases with frequency. At some frequency, the
impedance ceases to be capacitive and becomes
inductive. This point, at the bottom of the V-shaped
impedance versus frequency curves, is the self-reso-
nant frequency. At the self-resonant frequency, the
reactance is zero, and the impedance consists of the
ESR only. At high frequency more detailed models
apply - See KEMET SPICE models for such instances.
Typical impedance versus frequency curves for
KEMET multilayer ceramic capacitors are shown in
Figures 4, 5, 6 and 7.
ENVIRONMENTAL AND PHYSICAL
13.
Thermal Shock:
EIA-198, Method 202, Condition B (5 cycles
-55° to + 125°C).
14.
Life Test:
EIA-198, Method 201, 1000 hours at 200%* of rated
voltage at 125°C. (Except 85°C for Z5U
, Y5V & X5R).
15.
Humidity Test:
EIA-198, Method 206, ( Except 1000 hours,85°C,
85% RH, Rated Voltage).
16.
Moisture Resistance:
EIA-198, Method 204, Condition B (20 cycles with
50 volts applied.
17.
Solderability:
EIA-198, Method 301 (245°, 5 secs, Sn62 solder)
95% smooth solder on terminations. See page 14
for recommended profiles.
18.
Resistance to Soldering Heat:
EIA-198, Method 302, Condition B (260°C, 10 sec-
onds) no leaching of nickel barrier.
19.
Terminal Strength:
EIA-198, Method 303, Condition D .
RELIABILITY
20.
A well constructed multilayer ceramic capacitor chip is
extremely reliable and, for all practical purposes, has no
wearout mechanism when used within the maximum
voltage and temperature ratings. Most failures occur as
a result of mechanical or thermal damage during
mounting on the board, or during subsequent testing.
Capacitor failure may also be induced by sustained
operation at voltages that exceed the rated DC voltage,
voltage spikes or transients that exceed the dielectric's
voltage capability, sustained operation at temperatures
above the maximum rated temperature, internal
defects, or excessive temperature rise due to power
dissipation. As with any practical device, multilayer
ceramic capacitors also possess an inherent, although
low, failure rate when operated within rated conditions.
The primary failure mode is by short-circuit or low insu-
lation resistance, resulting from cracks or from dielectric
breakdown at a defect site. KEMET monitors reliability
with a periodic sampling program for selected values.
Results are available in our FIT (Failure in Time) report
for commercial chips.
21.
Storage and Handling:
Ceramic chip capacitors should be stored in normal
working environments. While the chips themselves are
quite robust in other environments, solderability will be
degraded by exposure to high temperatures, high
humidity, corrosive atmospheres, and long term stor-
age. In addition, packaging materials will be degraded
by high temperature – reels may soften or warp, and
tape peel force may increase. KEMET recommends
that maximum storage temperature not exceed 40
degrees C, and maximum storage humidity not exceed
70% relative humidity. In addition, temperature fluctua-
tions should be minimized to avoid condensation on
the parts, and atmospheres should be free of chlorine
and sulfur bearing compounds. For optimized solder-
ability, chip stock should be used promptly, preferably
within 1.5 years of receipt.
MISAPPLICATION
22.
Ceramic capacitors, like any other capacitors, may fail if
they are misapplied. Some misapplications include
mechanical damage, such as impact or excessive flex-
ing of the circuit board. Others include severe mounting
or rework cycles that may also introduce thermal shock.
Still others include exposure to excessive voltage, cur-
rent or temperature. If the dielectric layer of the capaci-
tor is damaged by misapplication, the circuit may fail.
The electrical energy of the circuit can be released as
heat, which may damage the circuit board and other
components as well.
ADDITIONAL INFORMATION
23.
Detailed application information can be found in KEMET
Engineering Bulletins.
F-2100
Surface Mount-Mounting Pad
Dimensions and Considerations
F-2102
Reflow Soldering Process
F-2105
Wave Solder Process
F-2103
Surface Mount Repair
F-2110
Capacitance Monitoring while Flex Testing
F-2111
Ceramic Chip Capacitors “Flex Cracks” -
Understanding and Solutions
For analysis of high frequency applications, KEMET
has SPICE models of most chip capacitors. Models
may be downloaded from KEMET’s website
www.kemet.com.
Additional information is also available - See
your KEMET representative for details or post your
questions to KEMET's homepage on the web
http://www.kemet.com.
*Note: 150% of rated voltage for selected high capacitance X5R values. Please contact factory.
70
See Table 4 on page 71 for limits.
See Table 4 on page 71 for limits.
See Table 4 on page 71 for limits.


유사한 부품 번호 - CDR31BP131B3W4

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CDR31BP131B AVX-CDR31BP131B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BP131B--- KSS-CDR31BP131B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

유사한 설명 - CDR31BP131B3W4

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com