전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C2550IQ48 데이터시트(PDF) 10 Page - Exar Corporation

부품명 ST16C2550IQ48
상세설명  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IQ48 데이터시트(HTML) 10 Page - Exar Corporation

Back Button ST16C2550IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 9Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 10Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 11Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 12Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 13Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ST16C2550
xr
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 4.4.0
10
2.7
Crystal Oscillator or External Clock Input
The C2550 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. See “Programmable Baud Rate
Generator” on page 10.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4), with an external 500k
Ω to
1 M
Ω resistor across it. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal
baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For
further reading on oscillator circuit please see application note DAN108 on EXAR’s web site.
2.8
Programmable Baud Rate Generator
A single baud rate generator is provided for the transmitter and receiver, allowing independent TX/RX channel
control. The programmable Baud Rate Generator is capable of operating with a crystal frequency of up to 24
MHz. However, with an external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2 pin (as
shown in Figure 5) it can extend its operation up to 64 MHz (4Mbps serial data rate) at room temperature and
5.0V.
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500 ΚΩ − 1 Μ Ω
XTAL1
XTAL2


유사한 부품 번호 - ST16C2550IQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550IQ48-F EXAR-ST16C2550IQ48-F Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

유사한 설명 - ST16C2550IQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com