전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAA4952WP 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 SAA4952WP
상세설명  Memory controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4952WP 데이터시트(HTML) 3 Page - NXP Semiconductors

  SAA4952WP Datasheet HTML 1Page - NXP Semiconductors SAA4952WP Datasheet HTML 2Page - NXP Semiconductors SAA4952WP Datasheet HTML 3Page - NXP Semiconductors SAA4952WP Datasheet HTML 4Page - NXP Semiconductors SAA4952WP Datasheet HTML 5Page - NXP Semiconductors SAA4952WP Datasheet HTML 6Page - NXP Semiconductors SAA4952WP Datasheet HTML 7Page - NXP Semiconductors SAA4952WP Datasheet HTML 8Page - NXP Semiconductors SAA4952WP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1997 Jun 10
3
Philips Semiconductors
Objective specification
Memory controller
SAA4952WP
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MHA724
ALE
IE
PROCESSING
WRD
P0 P1 P2
MICROCONTROLLER
INTERFACE
P3 P4 P5 P6 P7
÷ 2
LOGIC
STROBE
LLA
(12, 13.5, 16, 18 MHz)
TEST
SDP
SSC
VACQ
(50/60 Hz)
LLDFL
(27, 32, 36 MHz)
(32, 36 MHz)
LLD
VACQS
VWE2
HWE1
VWE1
VRE1
VRE2
VD
HWE2
HRE
HD
9
IE1
IE2
SWC1
SWC05
HRA/BLNA
CLV
WE1
RSTW1
HRDFL
HDFL
VDFL
BLND
HRD
SRC
21
22
25
26
27
28
29
30
31
32
7
SAA4952WP
14
3
6
11
16
8
42
35
37
38
20
1
RE2
19
RE1
18
HVCD
17
WE2
15
4
13
40
5
41
33
43
2, 10, 23, 36
39
ACQUISITION
HORIZONTAL
TIMING
ACQUISITION
VERTICAL
TIMING
DEFLECTION
TIMING
DISPLAY
VERTICAL
TIMING
DISPLAY
HORIZONTAL
TIMING
LOGIC
LOGIC
VDD1 to VDD4
VSS1 to VSS4
12, 24, 34, 44


유사한 부품 번호 - SAA4952WP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
SAA4951WP PHILIPS-SAA4951WP Datasheet
95Kb / 25P
   Memory controller
April 1994
SAA4955 PHILIPS-SAA4955 Datasheet
188Kb / 28P
   2.9-Mbit field memory
1999 Apr 29
SAA4955TJ PHILIPS-SAA4955TJ Datasheet
188Kb / 28P
   2.9-Mbit field memory
1999 Apr 29
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
More results

유사한 설명 - SAA4952WP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
logo
OptoSupply Internationa...
OSUBECX OPTOSUPPLY-OSUBECX Datasheet
45Kb / 2P
   Memory RGB controller
logo
Sanyo Semicon Device
LC82293 SANYO-LC82293 Datasheet
197Kb / 2P
   Image Memory Controller
logo
Advanced Micro Devices
AM2964B AMD-AM2964B Datasheet
760Kb / 14P
   Dynamic Memory Controller
Rev. C
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
   Burst Mode Memory Controller
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Siemens Semiconductor G...
SDA9220-5 SIEMENS-SDA9220-5 Datasheet
1Mb / 42P
   Memory Sync Controller III
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com