전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3352 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SK3352
상세설명  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3352 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SK3352_05 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3352_05 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3352_05 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3352_05 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3352
No.8125-3/4
0.01
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
--75
--50
--25
0
25
50
75
100
125
175
150
0
2
4
6
8
1012
1416
1820
5
10
15
20
25
30
35
40
45
50
0
RDS(on) -- VGS
IT07199
0
0
2
4
6
8
10
12
0.2
0
2
4
6
8
10
12
14
16
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
ID -- VDS
IT02766
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID -- VGS
IT02767
RDS(on) -- Tc
IT07200
0
5
10
15
20
25
30
VGS=2.5V
VDS=10V
Tc=25
°C
10A
ID=20A
I D=10A,
V GS
=4.5V
ID=20A,
VGS
=10V
Ciss, Coss, Crss -- VDS
IT02773
IT02770
0.01
0.1
0.001 23
5 70.01 23 5 70.1 23 5 71.0 23 5 7 10
23
3
5
7
2
1.0
3
5
7
2
10
3
5
7
2
100
3
5
7
2
yfs -- ID
IT02771
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
IS -- VSD
VDS=10V
75
°C
Tc=
--25
°C
VGS=0V
SW Time -- ID
IT02772
0
5
10
15
20
25
30
5
100
7
1000
3
5
7
2
10000
3
5
7
2
0.1
23
5
7
1.0
23
5
7
10
23
10
3
5
7
100
1000
2
3
5
7
3
5
7
2
VDS=15V
VGS=10V
25
°C
td(on)
td(off)
tf
f=1MHz
Ciss
Coss
Crss
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A


유사한 부품 번호 - 2SK3352_05

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK3352B ISC-2SK3352B Datasheet
400Kb / 2P
   isc P-Channel MOSFET Transistor
2SK3352K ISC-2SK3352K Datasheet
384Kb / 2P
   isc P-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3352_05

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com