전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAA7152 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 SAA7152
상세설명  Digital Video Comb Filter DCF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7152 데이터시트(HTML) 5 Page - NXP Semiconductors

  SAA7152 Datasheet HTML 1Page - NXP Semiconductors SAA7152 Datasheet HTML 2Page - NXP Semiconductors SAA7152 Datasheet HTML 3Page - NXP Semiconductors SAA7152 Datasheet HTML 4Page - NXP Semiconductors SAA7152 Datasheet HTML 5Page - NXP Semiconductors SAA7152 Datasheet HTML 6Page - NXP Semiconductors SAA7152 Datasheet HTML 7Page - NXP Semiconductors SAA7152 Datasheet HTML 8Page - NXP Semiconductors SAA7152 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
August 1996
5
Philips Semiconductors
Product specification
Digital Video Comb Filter (DCF)
SAA7152
COUT7
35
chrominance (C) output data bits 7 to 0
COUT6
36
COUT5
37
COUT4
38
COUT3
39
COUT2
40
COUT1
41
COUT0
42
VSS3
43
ground 3 (0 V)
VDD3
44
+5 V supply input 3
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration.
handbook, full pagewidth
39
34
35
36
37
38
SAA7152
33
29
30
31
32
6
3
43
1
2
42
5
4
44
40
41
COUT2
18
19
20
21
22
23
24
25
26
27
MEH422
12
711
10
9
8
13
17
16
15
14
COUT0
CIN0
YOUT4
28
YOUT5
YOUT6
YOUT7
SCL
SP
CVBS7
CVBS6
CVBS5
SDA
AP
V
COUT1
LL27
RESN
CIN1
CIN2
CIN3
DD3
VSS3


유사한 부품 번호 - SAA7152

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAA7154EG NXP-SAA7154EG Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
More results

유사한 설명 - SAA7152

제조업체부품명데이터시트상세설명
logo
Micronas
VPC323XD MICRONAS-VPC323XD Datasheet
1Mb / 78P
   Comb Filter Video Processor
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com