전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2W01 데이터시트(PDF) 4 Page - Won-Top Electronics

부품명 2W01
상세설명  2.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

2W01 데이터시트(HTML) 4 Page - Won-Top Electronics

  2W01 Datasheet HTML 1Page - Won-Top Electronics 2W01 Datasheet HTML 2Page - Won-Top Electronics 2W01 Datasheet HTML 3Page - Won-Top Electronics 2W01 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2W005 – 2W10
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
2W005
Round Bridge
1000 Units/Box
2W01
Round Bridge
1000 Units/Box
2W02
Round Bridge
1000 Units/Box
2W04
Round Bridge
1000 Units/Box
2W06
Round Bridge
1000 Units/Box
2W08
Round Bridge
1000 Units/Box
2W10
Round Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, 2W005-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


유사한 부품 번호 - 2W01

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
2W01 WTE-2W01 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
First Components Intern...
2W01 FCI-2W01 Datasheet
124Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Goodwork Semiconductor ...
2W01 GWSEMI-2W01 Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W01 JGD-2W01 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
2W01 BILIN-2W01 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

유사한 설명 - 2W01

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
   2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
   2.0A Single-Phase Bridge Rectifier
June, 2014
logo
Won-Top Electronics
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com