전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAA7360 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 SAA7360
상세설명  Bitstream conversion ADC for digital audio systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7360 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button SAA7360 Datasheet HTML 6Page - NXP Semiconductors SAA7360 Datasheet HTML 7Page - NXP Semiconductors SAA7360 Datasheet HTML 8Page - NXP Semiconductors SAA7360 Datasheet HTML 9Page - NXP Semiconductors SAA7360 Datasheet HTML 10Page - NXP Semiconductors SAA7360 Datasheet HTML 11Page - NXP Semiconductors SAA7360 Datasheet HTML 12Page - NXP Semiconductors SAA7360 Datasheet HTML 13Page - NXP Semiconductors SAA7360 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1995 Apr 24
10
Philips Semiconductors
Product specification
Bitstream conversion ADC
for digital audio systems
SAA7360
DATA DIOL AND DIOR
tdor
data output rise time
note 6
−−
15
ns
tdof
clock output fall time
note 6
−−
15
ns
td
data output delay time
(relative to DCKO)
note 6
−30
+30
ns
tdir
data input rise time
−−
20
ns
tdif
data input fall time
−−
20
ns
tsu
data input set-up time
(relative to DCKO)
30
−−
ns
th
data input hold time
(relative to DCKO)
30
−−
ns
Serial data outputs (see Fig.6)
CLOCK SCKO
tr
clock output rise time
note 7
−−
30
ns
tf
clock output fall time
note 7
−−
30
ns
WORD SELECT SWSO
tr
word select output rise time
note 7
−−
30
ns
tf
word select output fall time
note 7
−−
30
ns
tsr
word select output set-up time
note 8
100
−−
ns
thr
word select output hold time
note 8
100
−−
ns
CLOCK SCKI (note 9)
tr
clock input rise time
−−
100
ns
tf
clock input fall time
−−
100
ns
tHC
clock input HIGH time
50
−−
ns
tLC
clock input LOW time
50
−−
ns
WORD SELECT SWSI (note 9)
tr
word select input rise time
−−
100
ns
tf
word select input fall time
−−
100
ns
tsr
word select input set-up time
note 10
100
−−
ns
thr
word select input hold time
note 10
100
−−
ns
DATA SDO
tr
data output rise time
note 7
−−
30
ns
tf
data output fall time
note 7
−−
30
ns
tdod
data output delay time
note 10
−100
+100
ns
tsr
data output set-up time
note 8
100
−−
ns
thr
data output hold time
note 8
100
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - SAA7360

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7366T PHILIPS-SAA7366T Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
More results

유사한 설명 - SAA7360

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com