전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR151 데이터시트(PDF) 2 Page - Won-Top Electronics

부품명 FR151
상세설명  1.5A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR151 데이터시트(HTML) 2 Page - Won-Top Electronics

  FR151_06 Datasheet HTML 1Page - Won-Top Electronics FR151_06 Datasheet HTML 2Page - Won-Top Electronics FR151_06 Datasheet HTML 3Page - Won-Top Electronics FR151_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FR151 – FR157
2 of 4
© 2006 Won-Top Electronics

0
0.3
0.6
0.9
1.2
1.5
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
A
°


유사한 부품 번호 - FR151_06

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
FR151A0 TSC-FR151A0 Datasheet
375Kb / 4P
   Fast Recovery Rectifiers
FR151A0G TSC-FR151A0G Datasheet
375Kb / 4P
   Fast Recovery Rectifiers
logo
EIC discrete Semiconduc...
FR151 EIC-FR151_05 Datasheet
55Kb / 2P
   FAST RECOVERY
More results

유사한 설명 - FR151_06

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
   1.5A FAST RECOVERY DIODE
PR1501G ZSELEC-PR1501G Datasheet
134Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
PG150R ZSELEC-PG150R Datasheet
135Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
FR151G ZSELEC-FR151G Datasheet
118Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Fuji Electric
ERC30 FUJI-ERC30 Datasheet
43Kb / 2P
   FAST RECOVERY DIODE( 100 to 200V / 1.5A )
ERD38 FUJI-ERD38 Datasheet
53Kb / 2P
   FAST RECOVERY DIODE( 400 to 600V / 1.5A )
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
   1.5A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com