전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDA5C20GTA 데이터시트(PDF) 4 Page - EPCOS

부품명 CDA5C20GTA
상세설명  CeraDiode SMD type, array, case size 0508, 0612
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

CDA5C20GTA 데이터시트(HTML) 4 Page - EPCOS

  CDA5C20GTA Datasheet HTML 1Page - EPCOS CDA5C20GTA Datasheet HTML 2Page - EPCOS CDA5C20GTA Datasheet HTML 3Page - EPCOS CDA5C20GTA Datasheet HTML 4Page - EPCOS CDA5C20GTA Datasheet HTML 5Page - EPCOS CDA5C20GTA Datasheet HTML 6Page - EPCOS CDA5C20GTA Datasheet HTML 7Page - EPCOS CDA5C20GTA Datasheet HTML 8Page - EPCOS CDA5C20GTA Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CeraDiode
B727**D****A***
SMD type, array, case size 0508, 0612
CDA*C**GTA
2007-02-20
Please read Important notes at
the end of this document.
Page 4 of 10
Characteristics (TA = 25 °C)
CDA4C20GTA
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Breakdown voltage
VBR
IBR = 1 mA
24
-
-
V
Leakage current
Ileak
Vleak = 5.6 V
-
-
1
µA
Clamping voltage
Vclamp
IPP = 1 A, 8/20 µs
-
-
60
V
Capacitance
C
V = 1 V, f = 1 MHz
-
33
-
pF
CDA5C20GTA
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Breakdown voltage
VBR
IBR = 1 mA
25
-
-
V
Leakage current
Ileak
Vleak = 5.6 V
-
-
1
µA
Clamping voltage
Vclamp
IPP = 1 A, 8/20 µs
-
-
50
V
Capacitance
C
V = 1 V, f = 1 MHz
-
56
-
pF
Note: Any operating voltage lower than Vleak results in lower leakage current.
Typical characteristics
MLV0013-Q-E
0
A
T
70
10
20
30
40
50
60
70
80
90
%
110
C
˚
80
90
100 110 120 130
150
55
_


유사한 부품 번호 - CDA5C20GTA

제조업체부품명데이터시트상세설명
logo
EPCOS
CDA5C16GTH EPCOS-CDA5C16GTH Datasheet
104Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
CDA5C16GTH EPCOS-CDA5C16GTH Datasheet
556Kb / 22P
   High-speed series
More results

유사한 설명 - CDA5C20GTA

제조업체부품명데이터시트상세설명
logo
EPCOS
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
104Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
B72735D0050H062 EPCOS-B72735D0050H062 Datasheet
145Kb / 10P
   CeraDiode SMD type, array, case size 1012
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
   IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Wurth Elektronik GmbH &...
82380050100 WURTH-82380050100 Datasheet
240Kb / 5P
   0508 ESD ARRAY 4 VARISTOR
06-07-31
82380180121 WURTH-82380180121 Datasheet
240Kb / 5P
   0612 ESD ARRAY 4 VARISTOR
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
logo
Kemet Corporation
CA064X151J5GACTU KEMET-CA064X151J5GACTU Datasheet
86Kb / 1P
   Array Comm C0G Flex, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Array, Flex Termination, Class II, 0612
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com