전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSR1645CTJ 데이터시트(PDF) 2 Page - Solid States Devices, Inc

부품명 SSR1645CTJ
상세설명  16A 45 V SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1645CTJ 데이터시트(HTML) 2 Page - Solid States Devices, Inc

  SSR1645CTJ Datasheet HTML 1Page - Solid States Devices, Inc SSR1645CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0026B
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1645CTJ
SSR1645CAJ
SSR1645DJ
Electrical Characteristic
5/
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300µsec Pulse)
IF = 5A
IF = 10A
IF = 16A
VF1
VF2
VF3
––
––
––
0.54
0.64
0.76
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300µsec Pulse)
IF = 10A
VF4
––
0.72
VDC
Reverse Leakage Current
(VR =45V, 300µs pulse min.)
TA = 25ºC
TC = 100ºC
IR1
IR2
––
––
200
15
µA
mA
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
––
800
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Maximum Electrical Rating Shown for Centertap Configurations both Legs Tied Together.
For Doubler Configurations: IO = 15A, IFSM = 250A.
5/ All Electrical Characteristics per Leg @25ºC, Unless Otherwise Specified.
Available Part Numbers:
SSR1645CTJ
SSR1645CTJUB
SSR1645CTJDB
SSR1645CAJ
SSR1645CAJUB
SSR1645CAJDB
SSR1645DJ
SSR1645DJUB
SSR1645DJDB
PIN ASSIGNMENT
CONFIGURATION
Pin 1
Pin 2
Pin 3
Common Cathode (CT)
Anode
Cathode
Anode
Common Anode (CA)
Cathode
Anode
Cathode
Doubler (D)
Cathode
AC
Anode
2x
.180
.150
.170
MIN
SUFIX JDB
.180
.150
.170
MIN
SUFIX JUB
CASE OUTLINE:
TO257 (J)
.125
.115
1.100
.500
PIN 1
PIN 2
PIN 3
.537
.527
.665
.645
.430
.410
.210
.190
.045
.035
Ø.150
.140
.420
.410
.105
.095
3x Ø
.035
.025


유사한 부품 번호 - SSR1645CTJ

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SSR1645C SSDI-SSR1645C Datasheet
204Kb / 2P
   20 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results

유사한 설명 - SSR1645CTJ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
   45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
logo
Digitron Semiconductors
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
   16A SCHOTTKY RECTIFIER
MUR1630CT DIGITRON-MUR1630CT Datasheet
128Kb / 2P
   16A SCHOTTKY RECTIFIER
MUR1605CTR DIGITRON-MUR1605CTR Datasheet
183Kb / 3P
   16A SCHOTTKY RECTIFIER
logo
STMicroelectronics
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
   Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
   Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
   30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
   80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com