전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL400 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 KBL400
상세설명  4.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL400 데이터시트(HTML) 3 Page - Won-Top Electronics

  KBL400 Datasheet HTML 1Page - Won-Top Electronics KBL400 Datasheet HTML 2Page - Won-Top Electronics KBL400 Datasheet HTML 3Page - Won-Top Electronics KBL400 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBL400 – KBL410
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
230 x 230 x 50
500
495 x 245 x 180
3,000
19.5
Note: 1. Paper box, white or brown color.
BULK
WTE
KBL4xx
WTE
= Manufacturer’s Logo
KBL4xx
= Device Number
xx
= 00, 01, 02, 04, 06, 08 or 10
Polarity
= As Marked on Body
+ AC -


유사한 부품 번호 - KBL400

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBL400 SUNMATE-KBL400 Datasheet
282Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBL400 JGD-KBL400 Datasheet
137Kb / 2P
   SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
KBL400 YIXIN-KBL400 Datasheet
158Kb / 2P
   Diffused Junction
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

유사한 설명 - KBL400

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
   4.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
   4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
   4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
   4.0A Single-Phase Bridge Rectifier
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com