전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8010S 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF8010S
상세설명  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8010S 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF8010S Datasheet HTML 2Page - International Rectifier IRF8010S Datasheet HTML 3Page - International Rectifier IRF8010S Datasheet HTML 4Page - International Rectifier IRF8010S Datasheet HTML 5Page - International Rectifier IRF8010S Datasheet HTML 6Page - International Rectifier IRF8010S Datasheet HTML 7Page - International Rectifier IRF8010S Datasheet HTML 8Page - International Rectifier IRF8010S Datasheet HTML 9Page - International Rectifier IRF8010S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
@Y
6H
QG
@)
UC
DT
ÃDT
Ã6
I
ÃDS
G"
"
G
GP
8
P
9
&'
(
6T
T@
H
7
G`
Q6
S
I
V
H
7
@S
9
6U
8
P
9
@
X
@@
F
Ã
(
GD
I
8
GP
8
P
9
@
`@
6S
Ã&
Ã2
Ã
((
&
6T
T@
H
7
G@
9
ÃP
I
ÃX
X
Ã
(
Ã
((
&
DI
ÃU
C
6T
T@
H
7
G`
ÃG
DI
Å8
Å
GP
B
P
S
@8
UD
AD
@S
DI
U@
S
I
6U
DP
I
6G


유사한 부품 번호 - IRF8010S

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF8010S ISC-IRF8010S Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010SPBF IRF-IRF8010SPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
IRF8010SPBF IRF-IRF8010SPBF Datasheet
229Kb / 11P
   High frequency DC-DC converters
logo
VBsemi Electronics Co.,...
IRF8010SPBF VBSEMI-IRF8010SPBF Datasheet
1,001Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
More results

유사한 설명 - IRF8010S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com