전자부품 데이터시트 검색엔진 |
|
STA3KA36JE 데이터시트(PDF) 2 Page - Solid States Devices, Inc |
|
STA3KA36JE 데이터시트(HTML) 2 Page - Solid States Devices, Inc |
2 / 2 page 0 10 20 30 40 50 60 70 80 90 100 01 23 4 tp PRELIMINARY SOLID STATE DEVICES, INC. Electrical Characteristics PART NUMBER STA3KA13.6JE thru STA3KA800JE STA3KA13.6JE STA3KA15JE STA3KA16.4JE STA3KA18.2JE STA3KA20JE STA3KA22JE STA3KA24JE STA3KA26JE STA3KA30JE STA3KA32JE STA3KA36JE STA3KA40JE STA3KA44JE STA3KA48JE STA3KA60JE STA3KA72JE STA3KA86JE STA3KA102JE STA3KA124JE STA3KA150JE STA3KA164JE STA3KA200JE STA3KA300JE STA3KA360JE STA3KA400JE STA3KA600JE STA3KA800JE 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 Notes: 1. All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured value due to the heat- ing effects. 2. Pulse width (tP) is defined as the time from peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP. (10:sec x 100:sec wave form as defined by R.E.A.) 3. All Ratings based on 25oC Case temperature. BREAK DOWN (note 1) Nominal Voltage Test Current Voltage Reverse Leakage Current Voltage (max) @ Current tp = 1ms (note 2) MAX REVERSE STAND OFF PEAK PULSE CLAMPING MAXIMUM TEMPERATURE COEFFICIENT VBR VRWM IR @VRWM VC IPP TC @25oC IBRT Volts mA :A Volts A%/oC 13.6 15 16.4 18.2 20 22 24 26 30 32 36 40 44 48 60 72 86 102 124 150 164 200 300 360 400 600 800 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 11.00 12.10 13.26 14.74 16.2 17.84 19.44 21.0 24.2 25.8 29.0 32.4 35.6 38.8 48.6 59.2 69.6 82.6 100.4 120.4 132.8 162 242 292 324 486 648 10% 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 0.057 0.061 0.065 0.068 0.073 0.075 0.076 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.097 0.099 0.101 0.102 0.104 0.105 0.105 0.106 0.108 0.108 0.108 0.110 0.110 21.0 22.6 24.2 26.8 29.0 31.2 33.4 36.4 42.4 45.0 52.4 55.4 61.2 66.4 82.8 98.8 118.6 140.2 170.0 206.0 226 274 414 492 548 828 1096 143 132 124 112 103 96.0 90.0 82.0 71.0 67.0 57.2 54.0 49.0 45.0 36.0 30.0 25.3 21.4 17.7 14.6 13.3 11.0 7.2 6.1 5.5 3.6 2.7 TIME (ms) STA3KB13.6JE STA3KB15JE STA3KB16.4JE STA3KB18.2JE STA3KB20JE STA3KB22JE STA3KB24JE STA3KB26JE STA3KB30JE STA3KB32JE STA3KB36JE STA3KB40JE STA3KB44JE STA3KB48JE STA3KB60JE STA3KB72JE STA3KB86JE STA3KB102JE STA3KB124JE STA3KB150JE STA3KB164JE STA3KB200JE STA3KB300JE STA3KB360JE STA3KB400JE STA3KB600JE STA3KB800JE 10% 5% 5% 10.60 12.80 14.04 15.56 17.1 18.8 20.4 22.2 25.6 27.2 30.6 34.2 37.6 41.0 50.2 61.6 73.6 87.2 106.0 128.2 140.2 171 256 308 342 512 684 |
유사한 부품 번호 - STA3KA36JE |
|
유사한 설명 - STA3KA36JE |