전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4321PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP4321PBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4321PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP4321PBF Datasheet HTML 1Page - International Rectifier IRFP4321PBF Datasheet HTML 2Page - International Rectifier IRFP4321PBF Datasheet HTML 3Page - International Rectifier IRFP4321PBF Datasheet HTML 4Page - International Rectifier IRFP4321PBF Datasheet HTML 5Page - International Rectifier IRFP4321PBF Datasheet HTML 6Page - International Rectifier IRFP4321PBF Datasheet HTML 7Page - International Rectifier IRFP4321PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP4321PbF
2
www.irf.com
S
D
G
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 75A
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.17mH
RG = 25Ω, IAS = 50A, VGS =10V. Part not recommended for use
above this value.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
150
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12
15.5
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
1.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
0.8
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
130
–––
–––
S
Qg
Total Gate Charge
–––
71
110
nC
Qgs
Gate-to-Source Charge
–––
24
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
21
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
60
–––
td(off)
Turn-Off Delay Time
–––
25
–––
tf
Fall Time
–––
35
–––
Ciss
Input Capacitance
–––
4460
–––
pF
Coss
Output Capacitance
–––
390
–––
Crss
Reverse Transfer Capacitance
–––
82
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
78
c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
330
A
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
89
130
ns
ID = 50A
Qrr
Reverse Recovery Charge
–––
300
450
nC VR = 128V,
IRRM
Reverse Recovery Current
–––
6.5
–––
A
di/dt = 100A/µs
f
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V
f
VDD = 75V
TJ = 25°C, IS = 50A, VGS = 0V
f
integral reverse
p-n junction diode.
showing the
ID = 50A
RG = 2.5Ω
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
d
VGS = 10V, ID = 33A
f
VDS = VGS, ID = 250µA
VDS = 150V, VGS = 0V
VDS = 150V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 75V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
Conditions
VDS = 25V, ID = 50A
ID = 50A
VGS = 20V
VGS = -20V


유사한 부품 번호 - IRFP4321PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4321PBF IRF-IRFP4321PBF Datasheet
297Kb / 9P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
More results

유사한 설명 - IRFP4321PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com