전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHNB3260 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRHNB3260
상세설명  RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHNB3260 데이터시트(HTML) 1 Page - International Rectifier

  IRHNB3260 Datasheet HTML 1Page - International Rectifier IRHNB3260 Datasheet HTML 2Page - International Rectifier IRHNB3260 Datasheet HTML 3Page - International Rectifier IRHNB3260 Datasheet HTML 4Page - International Rectifier IRHNB3260 Datasheet HTML 5Page - International Rectifier IRHNB3260 Datasheet HTML 6Page - International Rectifier IRHNB3260 Datasheet HTML 7Page - International Rectifier IRHNB3260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
43
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
27
IDM
Pulsed Drain Current ➀
172
PD @ TC = 25°C
Max. Power Dissipation
300
W
Linear Derating Factor
2.4
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
43
A
EAR
Repetitive Avalanche Energy ➀
30
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.7
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 Sec.)
Weight
3.5 (Typical )
g
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT(SMD-3)
12/7/01
www.irf.com
1
Product Summary
Part Number Radiation Level RDS(on)
I D
IRHNB7260
100K Rads (Si)
0.070
43A
IRHNB3260
300K Rads (Si)
0.070
43A
IRHNB4260
600K Rads (Si)
0.070
43A
IRHNB8260
1000K Rads (Si)
0.070
43A
For footnotes refer to the last page
IRHNB7260
200V, N-CHANNEL
RAD Hard
HEXFET
®
TECHNOLOGY
SMD-3
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Light Weight
PD - 91798A


유사한 부품 번호 - IRHNB3260

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNB3160 IRF-IRHNB3160 Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB3Z60 IRF-IRHNB3Z60 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
More results

유사한 설명 - IRHNB3260

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNB7Z60 IRF-IRHNB7Z60 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7064 IRF-IRHNB7064 Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7264SE IRF-IRHNB7264SE Datasheet
239Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7360SE IRF-IRHNB7360SE Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7160 IRF-IRHNB7160 Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7460SE IRF-IRHNB7460SE Datasheet
242Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com