전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB8150D 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 SB8150D
상세설명  8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB8150D 데이터시트(HTML) 3 Page - Won-Top Electronics

  SB8150D Datasheet HTML 1Page - Won-Top Electronics SB8150D Datasheet HTML 2Page - Won-Top Electronics SB8150D Datasheet HTML 3Page - Won-Top Electronics SB8150D Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB8150D
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
800
340 x 337 x 45
800
370 x 370 x 420
6,400
15.0
inches(mm)
Product ID Label
Direction of Unreeling
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
330mm
24mm
16mm
0.24
(6.096)
0.33
(8.38)
0.12
(3.05)
0.42
(10.66)
0.04
(1.016)
0.08
(2.032)
0.63
(17.02)
WTE
SB8150D
WTE
= Manufacturer’s Logo
SB8150D
= Device Number
Polarity
= As Marked on Body
24mm


유사한 부품 번호 - SB8150D

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB8150D PANJIT-SB8150D Datasheet
427Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB8150DC PANJIT-SB8150DC Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB8150DC ZSELEC-SB8150DC Datasheet
147Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB8150DC-T3 WTE-SB8150DC-T3 Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB8150D

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
   8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB8150F WTE-SB8150F Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150 WTE-SB8150 Datasheet
48Kb / 4P
   8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB8150CT WTE-SB8150CT Datasheet
49Kb / 4P
   8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com