전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2304 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 SI2304
상세설명  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI2304 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button SI2304 Datasheet HTML 3Page - NXP Semiconductors SI2304 Datasheet HTML 4Page - NXP Semiconductors SI2304 Datasheet HTML 5Page - NXP Semiconductors SI2304 Datasheet HTML 6Page - NXP Semiconductors SI2304 Datasheet HTML 7Page - NXP Semiconductors SI2304 Datasheet HTML 8Page - NXP Semiconductors SI2304 Datasheet HTML 9Page - NXP Semiconductors SI2304 Datasheet HTML 10Page - NXP Semiconductors SI2304 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
SI2304DS
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 17 August 2001
7 of 12
9397 750 08526
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
VGS = 0 V; f = 1 MHz
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
03aa32
0
1
2
3
4
5
-60
0
60
120
180
Tj (
oC)
VGS(th)
(V)
max
min
typ
03aa35
10-6
10-5
10-4
10-3
10-2
10-1
01
2
3
4
5
VGS (V)
ID
(A)
max
typ
min
C
(pF)
10
102
103
VDS (V)
110
102
10-1
Crss
Coss,
Ciss,
003aaa126


유사한 부품 번호 - SI2304

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SI2304 MCC-SI2304 Datasheet
423Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
SI2304 MCC-SI2304 Datasheet
303Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
SI2304A UMW-SI2304A Datasheet
1Mb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2304BDS VISHAY-SI2304BDS Datasheet
73Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI2304BDS VISHAY-SI2304BDS Datasheet
113Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 24-Mar-08
More results

유사한 설명 - SI2304

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com