전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC244A-20 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TC244A-20
상세설명  786-488-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TC244A-20 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TC244A-20 Datasheet HTML 5Page - Texas Instruments TC244A-20 Datasheet HTML 6Page - Texas Instruments TC244A-20 Datasheet HTML 7Page - Texas Instruments TC244A-20 Datasheet HTML 8Page - Texas Instruments TC244A-20 Datasheet HTML 9Page - Texas Instruments TC244A-20 Datasheet HTML 10Page - Texas Instruments TC244A-20 Datasheet HTML 11Page - Texas Instruments TC244A-20 Datasheet HTML 12Page - Texas Instruments TC244A-20 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TC244A
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS056 – JUNE 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
mV
Amplitude
t
Illumination
% of Total
t
Figure 8. Pixel-Nonuniformity,
Figure 9. Pixel-Nonuniformity,
Dark Condition
Illuminated Condition
The grade specification for the TC244A is as follows (CCD video-output signal is 50 mV
±10 mV):
Pixel-nonuniformity:
DARK CONDITION
ILLUMINATED CONDITION
DISTANCE
PART
NONUNIFORM PIXEL TYPE
TOTAL
SEPARATION
PART
NUMBER
PIXEL
AMPLITUDE x
WHITE
BLACK
W/B†
% OF TOTAL
AREA A
AREA B
TOTAL
COUNT‡
NUMBER
AMPLITUDE, x
(mV)
AREA
AREA
AREA
ILLUMINATION
AREA A
AREA B
COUNT‡
X
Y
AREA
()
A
B
A
B
A
B
TC244A-2
0
x > 3.5
0
0
0
0
0
0
x > 5
0
0
TC244A-3
2.5 < x
≤ 3.5
2
5
2
5
2
5
5.0 < x
≤ 7.5
2
5
12
100
80
A
0
x > 3.5
0
0
0
0
0
0
x > 7.5
0
0
12
100
80
A
TC244A-4
3.5 < x
≤ 7
3
7
3
7
3
7
7.5 < x
≤ 15
3
7
15
0
x > 7
0
0
0
0
0
0
x > 15
0
0
15
† White and black nonuniform pixel pair
‡ The total spot count is the sum of all nonuniform white, black, and white/black pairs in the dark condition added to the number of nonuniform black
pixels in the illuminated condition. The sum of all nonuniform combinations do not exceed the total count.
Column nonuniformity:
PART
COLUMN
AMPLITUDE x
WHITE
BLACK
PART
NUMBER
AMPLITUDE, x
(mV)
AREAS
AREAS
NUMBER
(mV)
A AND B
A AND B
TC244A-2
0
x > 0.3
0
0
TC244A-3
0
x > 0.5
0
0
TC244A-4
0
x > 0.7
0
0


유사한 부품 번호 - TC244A-20

제조업체부품명데이터시트상세설명
logo
SELEC Controls Pvt. Ltd
TC244AX SELEC-TC244AX Datasheet
1Mb / 3P
   Economic Temperature Controller
TC244AX-24V SELEC-TC244AX-24V Datasheet
1Mb / 3P
   Economic Temperature Controller
More results

유사한 설명 - TC244A-20

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
[Old version datasheet]   780- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com