전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1001B 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1001B
상세내용  Interference and noise suppression circuit for FM receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
December 1982
2
Philips Semiconductors
Product specification
Interference and noise suppression
circuit for FM receivers
TDA1001B
TDA1001BT
GENERAL DESCRIPTION
The TDA1001B is a monolithic integrated circuit for suppressing interference and noise in FM mono and stereo receivers.
Features
• Active low-pass and high-pass filters
• Interference pulse detector with adjustable and controllable response sensitivity
• Noise detector designed for FM i.f. amplifiers with ratio detectors or quadrature detectors
• Schmitt trigger for generating an interference suppression pulse
• Active pilot tone generation (19 kHz)
• Internal voltage stabilization
QUICK REFERENCE DATA
PACKAGE OUTLINE
TDA1001B: 16-lead DIL; plastic (SOT38); SOT38-1; 1996 September 06.
TDA1001BT: 16-lead mini-pack; plastic (SO16; SOT109A); SOT116-1; 1996 September 06.
Supply voltage (pin 9)
VP
typ.
12
V
Supply current (pin 9)
IP
typ.
14
mA
A.F. input signal handling (pin 1)
(peak-to-peak value)
Vi(p-p)
typ.
1
V
Input resistance (pin 1)
Ri
min.
35
k
Voltage gain (V1-16/V6-16)Gv
typ.
0,5
dB
Total harmonic distortion
THD
typ.
0,25
%
Bandwidth
B
typ.
70
kHz
Suppression pulse threshold voltage
(peak value); R13 = 0
Vi(tr)OM
typ.
19
mV
Suppression pulse duration
ts
typ.
27
µs
Supply voltage range (pin 9)
VP
7,5 to 16
V
Operating ambient temperature range
Tamb
−30 to + 80
°C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
2SK3117N CHANNEL MOS TYPE LOW NOISE PRE-AMPLIFIER TONE CONTROL AMPLIFIER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
NTE1611Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR 1 2 3 NTE Electronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA2549I.F. amplifier and demodulator for multistandard TV receivers 1 2 3 4 5 MoreNXP Semiconductors
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
NTE1785Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners 1 2 3 NTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl