전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1001BT 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1001BT
상세내용  Interference and noise suppression circuit for FM receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
December 1982
4
Philips Semiconductors
Product specification
Interference and noise suppression circuit
for FM receivers
TDA1001B
TDA1001BT
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Supply voltage (pin 9)
VP
max. 18
V
Input voltage (pin 1)
V1-16
max. VP
V
Output current (pin 6)
I6
max. 1
mA
−I6
max. 15
mA
Total power dissipation
see derating curves Fig.2
Storage temperature range
Tstg
−65 to +150
°C
Operating ambient temperature range
Tamb
−30 to +80
°C
Fig.2 Power derating curves.
 in plastic DIL (SOT-38) package (TDA1001B).
− − − − − − in plastic mini-pack (SO-16; SOT-109A) package (TDA1001BT); mounted on a ceramic substrate of 50 × 15 × 0,7 mm.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
2SK3117N CHANNEL MOS TYPE LOW NOISE PRE-AMPLIFIER TONE CONTROL AMPLIFIER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
NTE1611Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR 1 2 3 NTE Electronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA2549I.F. amplifier and demodulator for multistandard TV receivers 1 2 3 4 5 MoreNXP Semiconductors
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
NTE1785Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners 1 2 3 NTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl