전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA10085 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA10085
상세설명  Single chip DVB-S/DSS channel receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA10085 Datasheet HTML 1Page - NXP Semiconductors TDA10085 Datasheet HTML 2Page - NXP Semiconductors TDA10085 Datasheet HTML 3Page - NXP Semiconductors TDA10085 Datasheet HTML 4Page - NXP Semiconductors TDA10085 Datasheet HTML 5Page - NXP Semiconductors TDA10085 Datasheet HTML 6Page - NXP Semiconductors TDA10085 Datasheet HTML 7Page - NXP Semiconductors TDA10085 Datasheet HTML 8Page - NXP Semiconductors TDA10085 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2001 Aug 31
5
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
6
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
XIN
1
I
crystal oscillator input and output pins; in a typical application, a
fundamental oscillator crystal is connected between pins XIN and
XOUT; see note 1
XOUT
2
I
VDDI
3
supply
digital core supply voltage (typically 1.8 V)
PLLVCC
4
supply
analog supply voltage for the PLL (typically 3.3 V)
PLLGND
5
ground
analog ground for the PLL
DGND
6
ground
digital PLL core ground voltage; see note 2
DVCC
7
supply
digital PLL core supply voltage (typically 1.8 V)
VDDI
8
supply
digital ADC supply voltage (typically 1.8 V)
VSSI
9
ground
digital ADC ground voltage; see note 2
VDD3
10
supply
analog ADC supply voltage (typically 3.3 V)
AVS
11
ground
analog ground voltage
VIN2
12
I
analog signal input for channel Q; see note 1
VREFN
13
O
negative analog voltage reference output (typically 1.25 V); a
decoupling capacitor (typically 0.1
µF) must be placed as close as
possible between VREFN and GND
VREFP
14
O
positive analog voltage reference output (typically 2 V); a decoupling
capacitor (typically 0.1
µF) must be placed as closed as possible
between VREFP and GND
VIN1
15
I
analog signal input for channel I; see note 1
AVD
16
supply
analog supply voltage (typically 3.3 V); a 0.1
µF decoupling capacitor
must be placed between AVD and AVS
SADDR0
17
I
SADDR0 input signal is the LSB of the I2C-bus address of the
TDA10085; other bits of the address are set internally to 000111,
therefore the complete I2C-bus address is (MSB to LSB):
0, 0, 0, 1, 1, 1 plus the SADDR0 bit; see note 1
TMD
18
I
test input; must be connected to ground for normal operation; see
note 1
ENSERI
19
I
enable serial interface input; when HIGH, the serial transport stream
is present on the boundary scan pins (TRST, TDO, TCK, TDI
and TMS); when LOW, the boundary scan pins are available; note 1
IICDIV
20
I
input to select the I2C-bus internal system clock frequency (depends
on the crystal frequency); internal I2C-bus clock is XIN when
IICDIV = 0 and XIN/4 if IICDIV = 1; see note 1
CTRL1
21
OD
control line output 1; this pin function is directly programmable
through the I2C-bus interface; default value is logic 1; open-drain
output requiring an external pull-up resistor to 3.3 V or to 5 V
CTRL2
22
OD
control line output 2; this pin function is directly programmable
through the I2C-bus interface; default value is logic 1; open-drain
output requiring an external pull-up resistor to 3.3 V or to 5 V
VSSE
23
ground
digital ground voltage; see note 2
VDDE5
24
supply
digital 5 V supply voltage; required for the 5 V tolerance of inputs
VSSI
25
ground
digital core ground voltage; see note 2


유사한 부품 번호 - TDA10085

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1001 PHILIPS-TDA1001 Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA1001B PHILIPS-TDA1001B Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA1001BT PHILIPS-TDA1001BT Datasheet
108Kb / 13P
   Interference and noise suppression circuit for FM receivers
December 1982
TDA10021 PHILIPS-TDA10021 Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
More results

유사한 설명 - TDA10085

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
   SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com