전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1010 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 TDA1010
상세설명  6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1010 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button TDA1010 Datasheet HTML 14Page - NXP Semiconductors TDA1010 Datasheet HTML 15Page - NXP Semiconductors TDA1010 Datasheet HTML 16Page - NXP Semiconductors TDA1010 Datasheet HTML 17Page - NXP Semiconductors TDA1010 Datasheet HTML 18Page - NXP Semiconductors TDA1010 Datasheet HTML 19Page - NXP Semiconductors TDA1010 Datasheet HTML 20Page - NXP Semiconductors TDA1010 Datasheet HTML 21Page - NXP Semiconductors TDA1010 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
November 1982
21
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
10 W audio power amplifier in mains-fed applications
TDA1010A
PACKAGE OUTLINE
UNIT
A
A
max.
2
A3
b 1
D1
b 2
bc
D(1)
E(1)
Z
max.
(1)
eL
P
P1
q1
q2
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
18.5
17.8
3.7
8.7
8.0
A4
15.8
15.4
1.40
1.14
0.67
0.50
1.40
1.14
0.48
0.38
21.8
21.4
21.4
20.7
6.48
6.20
3.4
3.2
2.54
1.0
5.9
5.7
4.4
4.2
3.9
3.4
15.1
14.9
Q
1.75
1.55
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.75
2.50
SOT110-1
92-11-17
95-02-25
0
5
10 mm
scale
0.25
w
D
E
A
A
c
A2
3
A 4
q 1
q 2
L
Q
w M
b
b 1
b 2
D1
P
q
1
Z
e
19
P
pin 1 index
SIL9MPF: plastic single in-line medium power package with fin; 9 leads
SOT110-1


유사한 부품 번호 - TDA1010

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA1010A ETC-TDA1010A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

유사한 설명 - TDA1010

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com