전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1010 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1010
상세내용  6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
November 1982
4
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
10 W audio power amplifier in mains-fed applications
TDA1010A
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
HEATSINK DESIGN
Assume VP = 14,4 V; RL = 2 Ω; Tamb = 60 °C maximum; thermal shut-down starts at Tj = 150 °C. The maximum sine-wave
dissipation in a 2
Ω load is about 5,2 W. The maximum dissipation for music drive will be about 75% of the worst-case
sine-wave dissipation, so this will be 3,9 W. Consequently, the total resistance from junction to ambient
.
Since Rth j-tab = 10 K/W and Rth tab-h = 1 K/W,
Rth h-a = 23 − (10 + 1) = 12 K/W.
Supply voltage
VP
max.
24
V
Peak output current
IOM
max.
5
A
Repetitive peak output current
IORM max.
3
A
Total power dissipation
see derating curve Fig.2
Storage temperature
Tstg
−55 to +150
°C
Operating ambient temperature
Tamb −25 to +150
°C
A.C. short-circuit duration of load during sine-wave drive; without heatsink at
VP = 14,4 V
tsc
max.
100
hours
Fig.2 Power derating curve.
R
th j-a
R
th j-tab
=
R
th tab-h
R
th h-a
++
150
60
39
,
----------------------
23 K/W
==




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
2SA1588TRANSISTOR AUDIO FREQUENCY LOW POWER AMPLIFIER DRIVER STAGE AMPLIFIER SWITCHING APPLICATIONS 1 2 Toshiba Semiconductor
EC-10N16HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS 1 2 3 List of Unclassifed Manufacturers
KSC2328ANPN AUDIO POWER AMPLIFIER APPLICATIONS 1 2 Samsung semiconductor
MJE180Low Power Audio Amplifier Low Current High Speed Switching Applications 1 2 3 4 Fairchild Semiconductor
2SA1356TRANSISTOR AUDIO POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
2SC3421NPN EPITAXIAL TYPE AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
2SA1357TRANSISTOR STROBE FLASH AUDIO POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
NTE13945.5W Dual Power Amplifier Car Radio Car Stereo Output Audio Power Amplifier 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl