전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1015 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1015
상세설명  1 to 4 W audio power amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1015 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1015 Datasheet HTML 1Page - NXP Semiconductors TDA1015 Datasheet HTML 2Page - NXP Semiconductors TDA1015 Datasheet HTML 3Page - NXP Semiconductors TDA1015 Datasheet HTML 4Page - NXP Semiconductors TDA1015 Datasheet HTML 5Page - NXP Semiconductors TDA1015 Datasheet HTML 6Page - NXP Semiconductors TDA1015 Datasheet HTML 7Page - NXP Semiconductors TDA1015 Datasheet HTML 8Page - NXP Semiconductors TDA1015 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
November 1982
5
Philips Semiconductors
Product specification
1 to 4 W audio power amplifier
TDA1015
D.C. CHARACTERISTICS
A.C. CHARACTERISTICS
Tamb = 25 °C; VP = 12 V; RL = 4 Ω; f = 1 kHz unless otherwise specified; see also Fig.3.
Supply voltage range
VP
3,6 to 18
V
Repetitive peak output current
IORM
<2
A
Total quiescent current at VP = 12 V
Itot
typ.
14
mA
<25
mA
A.F. output power at dtot = 10% (note 1)
with bootstrap:
VP = 12 V; RL = 4 Ω
Po
typ.
4,2
W
VP = 9 V; RL = 4 Ω
Po
typ.
2,3
W
VP = 6 V; RL = 4 Ω
Po
typ.
1,0
W
without bootstrap:
VP = 12 V; RL = 4 Ω
Po
typ.
3,0
W
Voltage gain:
preamplifier (note 2)
Gv1
typ.
23
dB
power amplifier
Gv2
typ.
29
dB
total amplifier
Gv tot
typ.
52
dB
49 to 55
dB
Total harmonic distortion at Po = 1,5 W
dtot
typ.
0,3
%
<
1,0
%
Frequency response;
−3 dB (note 3)
B
60 Hz to 15
kHz
Input impedance:
preamplifier (note 4)
|Zi1|
>
100
k
typ.
200
k
power amplifier
|Zi2|
typ.
20
k
Output impedance preamplifier
|Zo1|
typ.
1
k
Output voltage preamplifier (r.m.s. value); dtot < 1% (note 2)
Vo(rms)
typ.
0,8
V
Noise output voltage (r.m.s. value; note 5)
RS = 0 Ω
Vn(rms)
typ.
0,2
mV
RS = 10 kΩ
Vn(rms)
typ.
0,5
mV
Noise output voltage at f = 500 kHz (r.m.s. value); B = 5 kHz; RS = 0 Ω Vn(rms)
typ.
8
µV
Ripple rejection (note 6); f = 100 Hz
RR
typ.
38
dB


유사한 부품 번호 - TDA1015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
More results

유사한 설명 - TDA1015

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
   4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
Texas Instruments
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com