전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1015 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1015
상세내용  1 to 4 W audio power amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
November 1982
6
Philips Semiconductors
Product specification
1 to 4 W audio power amplifier
TDA1015
Notes
1. Measured with an ideal coupling capacitor to the speaker load.
2. Measured with a load resistor of 20 k
Ω.
3. Measured at Po = 1 W; the frequency response is mainly determined by C1 and C3 for the low frequencies and by
C4 for the high frequencies.
4. Independent of load impedance of preamplifier.
5. Unweighted r.m.s. noise voltage measured at a bandwidth of 60 Hz to 15 kHz (12 dB/octave).
6. Ripple rejection measured with a source impedance between 0 and 2 k
Ω (maximum ripple amplitude: 2 V).
7. The tab must be electrically floating or connected to the substrate (pin 9).
Fig.3 Test circuit.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
YD34119LOW POWER AUDIO AMPLIFIER 1 2 3 4 Wuxi Youda electronics Co.,LTD
KTB1772EPITAXIAL PLANAR PNP TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 KEC(Korea Electronics)
YD13162W DUAL CHANNEL AUDIO POWER AMPLIFIER 1 2 3 Wuxi Youda electronics Co.,LTD
NJM2113LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 New Japan Radio
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3875OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4755Stereo 11W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48611.1W Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4880Dual 250 mW Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl