전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1015T 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 TDA1015T
상세내용  0,5 W audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 3 page
background image
March 1986
3
Philips Semiconductors
Product specification
0,5 W audio power amplifier
TDA1015T
Fig.1 Block diagram.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Supply voltage
VP
max.
12 V
Peak output current
IOM
max.
1 A
Total power dissipation
see derating curve Fig.2
Storage temperature range
−55 to + 150 °C
A.C. short-circuit duration of load during sine-wave drive at VP = 9 V
tsc
max.
1 hour
Fig.2 Power derating curve.




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
YD34119LOW POWER AUDIO AMPLIFIER 1 2 3 4 Wuxi Youda electronics Co.,LTD
KTB1772EPITAXIAL PLANAR PNP TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 KEC(Korea Electronics)
YD13162W DUAL CHANNEL AUDIO POWER AMPLIFIER 1 2 3 Wuxi Youda electronics Co.,LTD
NJM2113LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 New Japan Radio
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3875OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4755Stereo 11W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48611.1W Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4880Dual 250 mW Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl