전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1016 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1016
상세내용  Recording/playback and 2 W audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 6 page
background image
August 1987
6
Philips Semiconductors
Product specification
Recording/playback and
2 W audio power amplifier
TDA1016
Notes
1. Measured with an ideal coupling capacitor connected to the speaker load.
2. lP (effective value) must not exceed 1 mA.
3. At
∆V
i = dB with respect to Vi = 1,2 mV.
4. The A.L.C. tracking in stereo has a typical spread of 1 dB if pins 6 of both ICs are connected to the same RC network.
5. Without a shunt resistor across A.L.C. With 1 M
Ω or 2,2 MΩ across A.L.C. recovery time becomes 22 or 50 seconds.
Automatic Level Control (A.L.C.) (see Fig.3); see note 4
∆G
v
Gain variation for
∆V
i = 45 dB
23
dB
tl
Limiting time; see note 3
−−
50
ms
ts
Level setting time; see note 3
−−
50
ms
tr
Recovery time; see notes 3 and 5
100
s
Voltage stabilizer
V11-15
Output voltage
2,6
V
l11
Load current
−−
1,5
mA
RR
Ripple rejection at f = 100 Hz
40
−−
dB
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX97021.8W Filterless Stereo Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
CSB772Audio Frequency Power Amplifier and Low Speed Switching 1 2 3 Continental Device India Limited
LM4765Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4730Stereo 14W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
2SD1591Audio Frequency Power Amplifier and Low Speed High Current Switching Industrial Use 1 List of Unclassifed Manufacturers
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM47343 Channel 20W Audio Power Amplifier with Mute and Standby 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4865750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl