전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1023 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA1023
상세설명  Proportional-control triac triggering circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1023 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA1023 Datasheet HTML 5Page - NXP Semiconductors TDA1023 Datasheet HTML 6Page - NXP Semiconductors TDA1023 Datasheet HTML 7Page - NXP Semiconductors TDA1023 Datasheet HTML 8Page - NXP Semiconductors TDA1023 Datasheet HTML 9Page - NXP Semiconductors TDA1023 Datasheet HTML 10Page - NXP Semiconductors TDA1023 Datasheet HTML 11Page - NXP Semiconductors TDA1023 Datasheet HTML 12Page - NXP Semiconductors TDA1023 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
May 1991
9
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
Fig.5 VS = 110 V, 50 Hz.
Fig.6 VS = 220 V, 50 Hz.


유사한 부품 번호 - TDA1023

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
   BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
   SIGNAL-SOURCES SWITCH
JANUARY 1980
logo
NXP Semiconductors
TDA1029 PHILIPS-TDA1029 Datasheet
235Kb / 16P
   Signal-sources switch
January 1980
More results

유사한 설명 - TDA1023

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com