전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1023 데이터시트(Datasheet) 14 Page - NXP Semiconductors

부품명 TDA1023
상세내용  Proportional-control triac triggering circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 14 page
background image
May 1991
14
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
Fig.15 The TDA1023/T used in a 1200 to 2000 W heater with triac BT139. For component values see Table 3.
Conditions:- Mains supply; VS = 220 V; Temperature range = 5 to 30 °C.
BT139 data at Tj = 25 °C; Vgt < 1.5 V; Igt > 70 mA; IL < 60 mA
handbook, full pagewidth
MBA513
U
16
RX
C
S
VCC
14
TDA1023
AC mains
voltage
VS
load
(heater)
R S
3
RG
Q
D1
R D
PW
triac
neutral
line
VZ
CI
BR
Rpd
VEE QR
UR
HYS
PR
TB
C T
11
6
9
13
87
45
12
10
1
θ
R
NTC
R p
C1
R1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AY08A316-Pin Multiple Circuit Triac 1 2 Powerex Power Semiconductors
TCA280BGeneral-purpose triggering circuit 1 2 3 4 5 MoreNXP Semiconductors
OM5428General purpose triggering circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M52325APSECAM DECODER LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TBA720ALINE OSCILLATOR CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRFIC0931BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 Motorola, Inc
MRFIC24042.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPD37532088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT 1 2 3 4 5 MoreNEC
NTE1002Integrated Circuit FM IF TV Amp 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl