전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1023T 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1023T
상세내용  Proportional-control triac triggering circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
May 1991
6
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
CHARACTERISTICS
VCC = 11 to 16 V; Tamb = −20 to +75 °C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
internally stabilized supply voltage at
I16 = 10 mA
12
13.7
15
V
∆V
CC/∆I16
variation with I16
30
mV/mA
I16
supply current at V16-13 = 11 to 16 V;
I10 = 1mA; f = 50 Hz; pin 11 open;
V6-13 > V7-13
pins 4 and 5 open
−−
6mA
pins 4 and 5 grounded
−−
7.1
mA
Reference supply output VZ (pin 11) for external temperature bridge
V11-13
output voltage
8
V
−I
11
output current
−−
1mA
Control and reference inputs CI, BR and UR (pins 6, 9 and 7)
V6-13
input voltage to inhibit the output
7.6
V
I6, 7, 9
input current
V1 = 4 V
−−
2
µA
Hysteresis control input HYS (pin 4)
∆V6
hysteresis
pin 4 open
9
20
40
mV
∆V
6
hysteresis
pin 4 grounded
320
mV
Proportional control range input PR (pin 5)
∆V
6
proportional range
pin 5 open
50
80
130
mV
∆V
6
proportional range
pin 5 grounded
400
mV
Pulse width control input PW (pin 10)
tw
pulse width
I10(RMS) = 1mA; f = 50 Hz 100
200
300
µs
Firing burst repetition time control input TB (pin 12)
TbCT
firing burst repetition time, ratio to
capacitor CT
320
600
960
ms/
µF
Output of reference buffer QR (pin 8)
output voltage at input voltage:
V8-13
V9-13 = 1.6 V
3.2
V
V8-13
V9-13 = 4.8 V
4.8
V
V8-13
V9-13 = 8 V
6.4
V
Output Q (pin 3)
VOH
output voltage HIGH
−I
OH = 150 mA
10
−−
V
−I
OH
output current HIGH
−−
150
mA
Internal pull-down resistor Rpd (pin 1)
Rpd
resistance to VEE
1
1.75
3
k




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AY08A316-Pin Multiple Circuit Triac 1 2 Powerex Power Semiconductors
TCA280BGeneral-purpose triggering circuit 1 2 3 4 5 MoreNXP Semiconductors
OM5428General purpose triggering circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M52325APSECAM DECODER LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TBA720ALINE OSCILLATOR CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRFIC0931BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 Motorola, Inc
MRFIC24042.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
UPD37532088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT 1 2 3 4 5 MoreNEC
NTE1002Integrated Circuit FM IF TV Amp 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl