전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1029 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1029
상세내용  Signal-sources switch
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
January 1980
5
Philips Semiconductors
Product specification
Signal-sources switch
TDA1029
Signal amplifier
Signal outputs
Bias voltage
Switch control
In the case of offset control, an internal blocking circuit of the switch control ensures that not more than one input will be
switched on at a time. In that case safe switching-through is obtained at VSL ≤ 1,5 V.
Voltage gain of a switched-on input
at I9 = I15 = 0; RL = ∞
Gv
typ.
1
Current gain of a switched-on amplifier
Gi
typ.
105
Output resistance (pins 9 and 15)
Ro
typ.
400
Output current capability at VP = 6 to 23 V
±I
9; ±I15
typ.
5 mA
Frequency limit of the output voltage
Vi(p-p) = 1 V; RS = 1 kΩ; RL = 10 MΩ; CL = 10 pF
f
typ.
1,3 MHz
Slew rate (unity gain);
∆V
9-16/∆t; ∆V15-16/∆t
RL = 10 MΩ; CL = 10 pF
S
typ.
2 V/
µs
D.C. output voltage
V10-16
typ.
11 V(1)
10,2 to 11,8 V
Output resistance
R10-16
typ.
8,2 k
switched-on
interconnected
control voltages
inputs
pins
V11-16
V12-16
V13-16
I-1, II-1
1-15, 5-9
H
H
H
I-2, II-2
2-15, 6-9
H
H
L
I-3, II-3
3-15, 7-9
H
L
H
I-4, II-4
4-15, 8-9
L
H
H
I-4, II-4
4-15, 8-9
L
L
H
I-4, II-4
4-15, 8-9
L
H
L
I-4, II-4
4-15, 8-9
L
L
L
I-3, II-3
3-15, 7-9
H
L
L




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IDT74CBTLV3244LOW-VOLTAGE OCTAL BUS SWITCH 1 2 3 4 5 Integrated Device Technology
MRFIC18011.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 Motorola, Inc
UPG155TBL-BAND SPDT SWITCH 1 2 3 4 5 MoreNEC
NJM2233B2-INPUT SINGLE VIDEO SWITCH 1 2 3 4 5 MoreNew Japan Radio
NJU4066BC-MOS QUAD ANALOG SWITCH 1 2 3 4 New Japan Radio
LM5000High Voltage Switch Mode Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE2308Silicon NPN Transistor High Voltage High Current Switch 1 2 NTE Electronics
NTE2343Silicon Complementary Transistors Darlington Power Amp Switch 1 2 NTE Electronics
NTE2384MOSFET N-Channel Enhancement Mode High Speed Switch 1 2 NTE Electronics
NTE24Silicon Complementary Transistors General Purpose Amplifier Switch 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl