전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1074A 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1074A
상세내용  Dual tandem electronic potentiometer circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
December 1982
6
Philips Semiconductors
Product specification
Dual tandem electronic
potentiometer circuit
TDA1074A
Note
1. Gv = Vo / Vi.
Output noise voltages
signal plus noise (r.m.s. value);
f = 20 Hz to 20 kHz
Vno(rms)
75
−µV
noise (peak value); weighted to
DIN 45 405; CCITT filter
Vno(m)
160
230
µV
Cross-talk attenuation (stereo)
f = 1 kHz
α
ct
86
dB
f = 20 Hz to 20 kHz
α
ct
80
dB
Control voltage cross-talk to
the outputs at f = 1 kHz;
Vc1(rms) = Vc2(rms) = 1 mV
−α
ct
20
dB
Ripple rejection at f = 100 Hz;
VP(rms) < 200 mV
α
100
46
dB
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE7072Integrated Circuit Dual DC Controlled Potentiometer Circuit 1 2 3 NTE Electronics
NTE15014Integrated Circuit Dual dbxII Noise Reduction System 1 2 3 NTE Electronics
NTE1774Integrated Circuit Dual Bi-Directional Motor Driver 1 2 NTE Electronics
NTE858MIntegrated Circuit Dual Low-Noise JFET-Input Operational Amplifier 1 2 3 NTE Electronics
TPS2310DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING 1 2 3 4 5 MoreTI store
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6220HBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
DS1807Addressable Dual Audio Taper Potentiometer 1 2 3 4 5 MoreDallas Semiconductor
DS1845Dual NV Potentiometer and Memory 1 2 3 4 5 MoreDallas Semiconductor
AM79C03Dual Subscriber Line Audio Processing Circuit DSLAC Devices 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl