전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1300T 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1300T
상세내용  Photodetector amplifiers and laser supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Jul 15
4
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
PINNING
SYMBOL PIN
DESCRIPTION
O4
1
current amplifier 4 output
O6
2
current amplifier 6 output
O3
3
current amplifier 3 output
O1
4
current amplifier 1 output
O5
5
current amplifier 5 output
O2
6
current amplifier 2 output
LDON
7
control pin for switching the laser on
and off
VDDL
8
laser supply voltage
RFE
9
equalized output voltage of sum signal
of amplifiers 1 to 4
RF
10
unequalized output
HG
11
control pin for gain switch
LS
12
control pin for speed switch
CL
13
external capacitor
ADJ
14
P-sub monitor (if connected via
resistor to GND);
N-sub monitor (if connected to VDD)
GND
15
ground (substrate connection)
LO
16
laser output; current output
MI
17
monitor diode input (laser)
VDD
18
supply
I2
19
photo detector input 2 (central)
I5
20
photo detector input 5 (satellite)
I1
21
photo detector input 1 (central)
I3
22
photo detector input 3 (central)
I6
23
photo detector input 6 (satellite)
I4
24
photo detector input 4 (central)
Fig.2 Pin configuration.
handbook, halfpage
TDA1300T
1
2
3
4
5
6
7
8
9
10
11
12
O4
O6
O3
O1
O5
O2
LDON
VDDL
RFE
RF
HG
LS
I4
I6
I3
I1
I5
I2
VDD
MI
LO
GND
ADJ
CL
24
23
22
21
20
19
18
17
16
15
14
13
MBG472




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
LT1352Dual and Quad 250uA 3MHz 200V/us Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
TLV2302FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS 1 2 3 4 5 MoreTI store
LM4931Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2SD2164NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING 1 2 3 4 5 MoreNEC
2SC1788Medium Power Amplifiers and Switches 1 List of Unclassifed Manufacturers
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
SAA7824CD audio decoder digital servo and filterless DAC with integrated pre-amp and laser control PhonIC 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl