전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1300TT 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1300TT
상세내용  Photodetector amplifiers and laser supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 8 page
background image
1997 Jul 15
8
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
Data amplifier; equalized single and double speed
VO(RF)
DC output voltage
Ii(central) =0
0.3
V
RRF
transresistance
N-sub monitor mode
(low gain); note 3
56
70
84
k
N-sub monitor mode
(high gain); note 3
96
120
144
k
P-sub monitor mode
(low gain); note 4
112
140
168
k
P-sub monitor mode
(high gain); note 4
200
240
285
k
VO(RF)(max)
maximum output voltage
note 5
−−
VDD − 1.2
V
SRRF
RF slew rate
VSR = 1 V (peak-to-peak)
6
V/
µs
Zo(RF)
RF output impedance
fi = 1 MHz
100
−Ω
td(eq)
equalization delay
320
ns
td(f)
flatness delay (
Φ/ω)
LS = 1; note 6
10
ns
LS = 0; note 6
5
ns
G/G
data amplifier gain ratio
note 6
4.5
6
dB
BRF
unequalized output bandwidth Ii(d) = 1.67 µA3
5
MHz
Control pins LDON, LS and HG (with 47 k
Ω internal pull-up resistor)
VIL
LOW level input voltage
−0.2
+0.5
V
VIH
HIGH level input voltage
VDD − 1
VDD + 0.2
V
IIL
LOW level input current
−−
100
µA
Laser output
Vo(L)
output voltage
Io(L) = 100 mA
−0.2
VDDL − 0.7 V
Io(L)
output current
−−
−100
mA
∆Io(L)/∆t
slew rate output current
CL = 1 nF (see Fig.8)
3.4
mA/
µs
Monitor diode input
Vref
virtual reference voltage
N-sub monitor mode
130
150
170
mV
IL
leakage current
N-sub monitor mode
1
nA
Vi(mon)
monitor input voltage
P-sub monitor mode
VDD − 0.7 −
V
Ii(mon)
monitor input current
P-sub monitor mode
−−
2mA
∆T
reference temperature drift
N-sub monitor mode
40
ppm
RSref
reference supply rejection
N-sub monitor mode
−−
1%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
LT1352Dual and Quad 250uA 3MHz 200V/us Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
TLV2302FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS 1 2 3 4 5 MoreTI store
LM4931Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2SD2164NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING 1 2 3 4 5 MoreNEC
2SC1788Medium Power Amplifiers and Switches 1 List of Unclassifed Manufacturers
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
SAA7824CD audio decoder digital servo and filterless DAC with integrated pre-amp and laser control PhonIC 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl