전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1300TT 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 TDA1300TT
상세내용  Photodetector amplifiers and laser supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Jul 15
3
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
1.5x
I/V
1.5x
1.5x
1.5x
1.5x
1.5x
1
2
3
4
5
6
I6in
Id6out
I5in
I4in
I3in
I2in
I1in
I6
23
2
O6
Id5out
5
O5
Id4out
1
O4
Id3out
3
O3
Id2out
6
O2
Id1out
4
9
10
8
VDDL
16
LO
7
LDON
RF
RFE
O1
95, 120, 134 or
240 k
I5
20
I4
24
I3
22
I2
19
I1
HG
LS
MI
13
CL
VDD
VDD
GND
21
Vgap
OTA
ILO
ON/OFF
SUPPLY
TDA1300T
ADJ
11
12
17
18
15
14
−4
Ii(central)
(N-sub) or
IADJ (P-sub)
Vmon (N-sub) or
Imon (P-sub)
MBG474




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
LT1352Dual and Quad 250uA 3MHz 200V/us Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
TLV2302FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS 1 2 3 4 5 MoreTI store
LM4931Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
2SD2164NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING 1 2 3 4 5 MoreNEC
2SC1788Medium Power Amplifiers and Switches 1 List of Unclassifed Manufacturers
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
SAA7824CD audio decoder digital servo and filterless DAC with integrated pre-amp and laser control PhonIC 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl