전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LTC1164 데이터시트(HTML) 2 Page - Linear Technology

부품명 LTC1164
상세내용  Low Power, Low Noise, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo 

LTC1164 데이터시트(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
/ 16 page
 2 / 16 page
background image
LTC1164
2
1164fa
ORDER PART
NUMBER
LTC1164ACN
LTC1164CN
LTC221/222 • POI01
TOP VIEW
J PACKAGE
24-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V
CLK
50/100
LPD
BPD
HPD
INV D
N PACKAGE
24-LEAD PDIP
TJMAX = 110°C, θJA = 65°C/W
ORDER PART
NUMBER
LTC1164CSW
LTC1164ACSW
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 75°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V
CLK
50/100
LPD
BPD
HPD
INV D
LTC1164AMJ
LTC1164MJ
LTC1164ACJ
LTC1164CJ
Total Supply Voltage (V+ to V) ............................ 16.5V
Power Dissipation .............................................. 500mW
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
±2.37
±8V
Voltage Swings
VS = ±2.5V
±1.6
V
VS = ±5.0V
±3.8
±4.2
V
VS = ±7.5V
±6.1
V
Output Short Circuit Current (Source/Sink)
VS = ±5.0V
1
mA
DC Open Loop Gain
VS = ±5.0V
80
dB
GBW Product
VS = ±5.0V
2
MHz
Slew Rate
VS = ±5.0V
1.6
V/µs
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Internal Op Amps) VS = ±5V, RL = 5kΩ unless otherwise noted.
OBSOLETE PACKAGE
Consider the N24 Package as an Alternate Source
Operating Temperature Range
LTC1164AM, LTC1164M (OBSOLETE) ..... –55°C to 125°C
LTC1164AC, LTC1164C ....................... –40°C to 85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn