전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1302T 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1302T
상세내용  Data amplifier and laser supply circuit for CD player and read only optical systems
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
TDA1302_1
5 Wed Sep 14 13:30:56 1994
September 1994
5
Philips Semiconductors
Preliminary specification
Data amplifier and laser supply circuit for
CD player and read only optical systems
TDA1302T
PINNING
SYMBOL
PIN
DESCRIPTION
O4
1
output of diode current amplifier 4
O6
2
output of diode current amplifier 6
O3
3
output of diode current amplifier 3
O1
4
output of diode current amplifier 1
O5
5
output of diode current amplifier 5
O2
6
output of diode current amplifier 2
LDON
7
control pin for switching the laser
ON and OFF
VDDL
8
laser supply voltage
RFE
9
equalized output voltage of sum
signal of amplifiers 1 to 4
RF
10
unequalized output
HG
11
control pin for gain switch
LS
12
control pin for speed switch
CL
13
external capacitor
ADJ
14
reference input normally
connected to ground via a resistor
GND
15
0 V supply; substrate connection
(ground)
LO
16
current output to the laser diode
MI
17
laser monitor diode input
VDD
18
amplifier supply voltage
I2
19
photo detector input 2 (central)
I5
20
photo detector input 5 (satellite)
I1
21
photo detector input 1 (central)
I3
22
photo detector input 3 (central)
I6
23
photo detector input 6 (satellite)
I4
24
photo detector input 4 (central)
Fig.3 Pin configuration.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TZA1015Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS 1 2 3 4 5 MoreNXP Semiconductors
TZA1024Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS 1 2 3 4 5 MoreNXP Semiconductors
TZA1025Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC 1 2 3 4 5 MoreNXP Semiconductors
TZA1026Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto 1 2 3 4 5 MoreNXP Semiconductors
TZA1022Preamplifier and laser supply for CD/CDRW read-only optical systems TRICINTA 1 2 3 4 5 MoreNXP Semiconductors
2SK246N CHANNEL JUNCTION TYPE FOR CONSTANT CURRENT IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 Toshiba Semiconductor
BA3950ASystem power supply for CD player equipped audio systems 1 2 3 4 5 MoreRohm
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CXA2515AMRF Amplifier for CD Player and CD-ROM 1 2 3 4 5 MoreSony Corporation
BA3963System power supply for CD player equipped audio systems 1 2 3 4 5 MoreRohm

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl