전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1305T 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1305T
상세내용  Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
1995 Dec 08
5
Philips Semiconductors
Preliminary specification
Stereo 1fs data input up-sampling filter with
bitstream continuous dual DAC (BCC-DAC2)
TDA1305T
PINNING
SYMBOL
PIN
DESCRIPTION
VDDA
1
analog supply voltage
VSSA
2
analog ground
TEST1
3
test input; pin should be connected
to ground (internal pull-down
resistor)
BCK
4
bit clock input
WS
5
word select input
DATA
6
data input
CLKS1
7
clock selection 1 input
CLKS2
8
clock selection 2 input
VSSD
9
digital ground
VDDD
10
digital supply voltage
TEST2
11
test input; pin should be connected
to ground (internal pull-down
resistor)
SYSCLKI
12
system clock input
n.c.
13
not connected (this pin should be left
open-circuit)
n.c.
14
not connected (this pin should be left
open-circuit)
VSSD
15
digital ground
SYSCLKO
16
system clock output
DEEM1
17
de-emphasis on/off; fDEEM 32 kHz,
44 kHz and 48 kHz
DEEM2
18
de-emphasis on/off; fDEEM 32 kHz,
44 kHz and 48 kHz
MUSB
19
mute input (active LOW)
DSMB
20
double-speed mode input
(active LOW)
ATSB
21
12 dB attenuation input
(active LOW)
VOL
22
left channel output
FILTCL
23
capacitor for left channel 1st order
filter function should be connected
between pins 22 and 23
FILTCR
24
capacitor for right channel 1st order
filter function should be connected
between pins 25 and 24
VOR
25
right channel output
Vref
26
internal reference voltage for output
channels (0.5VDD)
VSSO
27
operational amplifier ground
VDDO
28
operational amplifier supply voltage
Fig.2 Pin configuration.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
WM2626Low Power Dual 8-bit Serial Input DAC with Internal Reference 1 2 3 4 5 MoreWolfson Microelectronics plc
PCM301024-BIT STEREO AUDIO CODEC WITH 96-kHz ADC 192-kHz DAC AND SINGLE-ENDED ANALOG INPUT/OUTPUT 1 2 3 4 5 MoreTexas Instruments
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
WM2637Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference 1 2 3 4 5 MoreWolfson Microelectronics plc
WM2638Dual 12-Bit Serial Input Voltage Output DAC with Internal reference 1 2 3 4 5 MoreWolfson Microelectronics plc
ICE1PCS02Standalone Power Factor Correction PFC Controller in Continuous Conduction Mode CCM with Input Brown-Out Protection 1 2 3 4 5 MoreInfineon Technologies AG
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic
TLV320DAC26LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SN54ALS253DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl