전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1305T 데이터시트(Datasheet) 11 Page - NXP Semiconductors

부품명 TDA1305T
상세내용  Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 11 page
background image
1995 Dec 08
11
Philips Semiconductors
Preliminary specification
Stereo 1fs data input up-sampling filter with
bitstream continuous dual DAC (BCC-DAC2)
TDA1305T
Notes
1. All VDD and VSS pins must be connected externally to the same supply.
2. Vripple = 1% of supply voltage; fripple = 100 Hz. Ripple rejection RR to VDDA is dependent on the value of the external
capacitor (CEXT3 in Fig.1) connected to Vref. The value here assumes that CEXT3 =1 µF.
3. Minimum VIL and maximum VIH are peak values to allow for transients.
4. ILImni measured at VI = 0 V; ILImax measured at VI = 5.5 V.
5. Reference levels = 10% and 90%.
ANALOG CHARACTERISTICS
VDD =VDDA =VDDO =5V; VSS =0V; Tamb =25 °C; unless otherwise specified.
Serial input data timing (see Fig.4)
fBCK
bit-clock input (data input
rate) frequency
fsys = 384fs
48fs
MHz
fsys = 256fs
64fs
MHz
fWS
word select input frequency
normal speed
25
44.1
48
kHz
double speed
50
88.2
96
kHz
tr
rise time
−−
20
ns
tf
fall time
−−
20
ns
tH
bit clock time HIGH
55
−−
ns
tL
bit clock time LOW
55
−−
ns
tsu
data set-up time
40
−−
ns
th
data hold time
10
−−
ns
tsuWS
word select set-up time
40
−−
ns
thWS
word select hold time
10
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference values
Vref
reference voltage level
2.45
2.5
2.55
V
RCONV
current-to-voltage
conversion resistor
1.6
2.2
2.8
k
Analog outputs
RES
resolution
−−
18
bit
VFS(rms)
full-scale output voltage
(pins 23 and 25)
(RMS value)
1.425
1.5
1.575
V
VOFF
output voltage DC offset with
respect to reference voltage
level Vref
−80
−65
−50
mV
TCFS
full scale temperature
coefficient
−±100 × 10−6
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
WM2626Low Power Dual 8-bit Serial Input DAC with Internal Reference 1 2 3 4 5 MoreWolfson Microelectronics plc
PCM301024-BIT STEREO AUDIO CODEC WITH 96-kHz ADC 192-kHz DAC AND SINGLE-ENDED ANALOG INPUT/OUTPUT 1 2 3 4 5 MoreTI store
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
WM2637Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference 1 2 3 4 5 MoreWolfson Microelectronics plc
WM2638Dual 12-Bit Serial Input Voltage Output DAC with Internal reference 1 2 3 4 5 MoreWolfson Microelectronics plc
ICE1PCS02Standalone Power Factor Correction PFC Controller in Continuous Conduction Mode CCM with Input Brown-Out Protection 1 2 3 4 5 MoreInfineon Technologies AG
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic
TLV320DAC26LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SN54ALS253DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl