전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1305 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA1305
상세설명  Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1305 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA1305 Datasheet HTML 6Page - NXP Semiconductors TDA1305 Datasheet HTML 7Page - NXP Semiconductors TDA1305 Datasheet HTML 8Page - NXP Semiconductors TDA1305 Datasheet HTML 9Page - NXP Semiconductors TDA1305 Datasheet HTML 10Page - NXP Semiconductors TDA1305 Datasheet HTML 11Page - NXP Semiconductors TDA1305 Datasheet HTML 12Page - NXP Semiconductors TDA1305 Datasheet HTML 13Page - NXP Semiconductors TDA1305 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1995 Dec 08
10
Philips Semiconductors
Preliminary specification
Stereo 1fs data input up-sampling filter with
bitstream continuous dual DAC (BCC-DAC2)
TDA1305T
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”. The number of this quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9398 510 63011.
DIGITAL CHARACTERISTICS
VDD = 3.4 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
note 1
3.4
5.0
5.5
V
IDDD
digital supply current
VDDD =5V;
at code 00000H
30
40
mA
VDDA
analog supply voltage
note 1
3.4
5.0
5.5
V
IDDA
analog supply current
VDDA =5V;
at code 00000H
5.5
8
mA
VDDO
operational amplifier supply
voltage
note 1
3.4
5.0
5.5
V
IDDO
operational amplifier supply
current
VDDO =5V;
at code 00000H
6.5
9
mA
RR
ripple rejection to VDDA
note 2
25
dB
System clock input
fsys
system frequency
fsys = 384fs
9.6
16.93
18.4
MHz
fsys = 256fs
6.4
11.29
12.28
MHz
VIL
LOW level input voltage
note 3
−0.5
0.2VDD
V
VIH
HIGH level input voltage
note 3
0.8VDD
VDD + 0.5
V
I
LI
input leakage current
note 4
−−
10
µA
Ci
input capacitance
−−
10
pF
Tcy
clock cycle time
fsys = 384fs
104
59.1
54.2
ns
fsys = 256fs
156
88.6
81.3
ns
Digital inputs; WS, BCK, DATA, DSMB, MUSB, DEEM1, DEEM2, ATSB, CLKS1, CLKS2, TEST1 and TEST2
VIL
LOW level input voltage
note 3
−0.5
0.3VDD
V
VIH
HIGH level input voltage
note 3
0.7VDD
VDD + 0.5
V
I
LI
input leakage current
note 4
−−
10
µA
Ci
input capacitance
−−
10
pF
Digital output; CDEC
VOL
LOW level output voltage
IOL = 0.4 mA
0
0.5
V
VOH
HIGH level output voltage
IOH = −0.2 mA
VDD − 0.5
VDD
V
tr
output rise time
note 5
−−
20
ns
tf
output fall time
note 5
−−
20
ns
CL
load capacitance
−−
30
pF


유사한 부품 번호 - TDA1305

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

유사한 설명 - TDA1305

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com