전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1305 데이터시트(PDF) 12 Page - NXP Semiconductors

부품명 TDA1305
상세설명  Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1305 데이터시트(HTML) 12 Page - NXP Semiconductors

Back Button TDA1305 Datasheet HTML 8Page - NXP Semiconductors TDA1305 Datasheet HTML 9Page - NXP Semiconductors TDA1305 Datasheet HTML 10Page - NXP Semiconductors TDA1305 Datasheet HTML 11Page - NXP Semiconductors TDA1305 Datasheet HTML 12Page - NXP Semiconductors TDA1305 Datasheet HTML 13Page - NXP Semiconductors TDA1305 Datasheet HTML 14Page - NXP Semiconductors TDA1305 Datasheet HTML 15Page - NXP Semiconductors TDA1305 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1995 Dec 08
12
Philips Semiconductors
Preliminary specification
Stereo 1fs data input up-sampling filter with
bitstream continuous dual DAC (BCC-DAC2)
TDA1305T
Notes
1. Measured with a 1 kHz, 0 dB, 18-bit sine wave generated at a sampling rate of 48 kHz. The (THD + N)/S measured
over a bandwidth of 20 Hz to 20 kHz.
2. Measured with a 1 kHz, -60 dB, 18-bit sine wave generated at a sampling rate of 48 kHz. The (THD + N)/S measured
over a bandwidth of 20 Hz to 20 kHz. For 16-bit input signals, the performance is limited to the theoretical maximum.
3. Measured with a 1 kHz, -60 dB, 18-bit sine wave generated at a sampling rate of 48 kHz. The (THD + N)/S measured
over a bandwidth of 20 Hz to 20 kHz and filtered with a A-weighted characteristic. For 16-bit input signals, the
performance is limited to the theoretical maximum.
4. Measured with a sine wave from 20 Hz to 20 kHz generated at a sampling rate of 48 kHz. The (THD + N)/S
measured over a bandwidth of 20 Hz to 20 kHz.
TEST AND APPLICATION INFORMATION
Filter characteristics (theoretical values)
Table 3
Normal speed filter characteristics.
(THD + N)/S total harmonic distortion plus
noise-to-signal ratio
at 0 dB input level;
note 1
−−90
−81
dB
0.003
0.009
%
at
−60 dB input level;
note 2
−−44
−40
dB
0.63
1.0
%
at
−60 dB input level;
A-weighted; note 3
−−46
dB
0.5
%
at 0 dB input level;
(20 Hz to 20 kHz);
note 4
−−90
−81
dB
0.003
0.003
%
S/N
signal-to-noise ratio at
bipolar zero
A weighted;
at code (00000H)
100
108
dB
α
cs
channel separation
85
100
dB
δV
O
unbalance between outputs
0.2
0.3
dB
ZO
dynamic output impedance
10
−Ω
RL
output load resistance
3
−−
k
CL
output load capacitance
−−
200
pF
ITEM
SAMPLE FREQUENCY
RANGE
CONDITIONS
CHARACTERISTICS
Pass band
44.1 kHz
0 to 20 kHz
0
±0.025 dB
32 kHz
14.5 to 15 kHz
−0.15 dB (min.)
Stop band
44.1 kHz
24.1 to 150 kHz
typical
−60 dB (max.)
worst case
−57 dB (max.)
150 kHz to infinity
typical
−57 dB (max.)
worst case
−47 dB (max.)
32 kHz
17 to 17.5 kHz
−40 dB (max.)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA1305

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

유사한 설명 - TDA1305

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com