전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1306T 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1306T
상세내용  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
1998 Jan 06
5
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1306T
PINNING
SYMBOL PIN
DESCRIPTION
VDDA
1
analog supply voltage (+5 V)
VSSA
2
analog ground
TEST1
3
test input 1; pin should be connected
to ground
BCK
4
bit clock input
WS
5
word select input
DATA
6
data input
CLKS1
7
clock and format selection 1 input
CLKS2
8
clock and format selection 2 input
VSSD
9
digital ground
VDDD
10
digital supply voltage (+5 V)
TEST2
11
test input 2; pin should be connected
to ground
SYSCLK
12
system clock input 256fs or 384fs
APP3
13
application mode 3 input
APPL
14
application mode selection input
APP2
15
application mode 2 input
APP1
16
application mode 1 input
APP0
17
application mode 0 input
VOL
18
left channel output
FILTCL
19
capacitor for left channel 1st order
filter function; should be connected
between pins 19 and 18
FILTCR
20
capacitor for right channel 1st order
filter function; should be connected
between pins 20 and 21
VOR
21
right channel output
Vref
22
internal reference voltage for output
channels; 0.5VDDO (typ.)
VSSO
23
operational amplifier ground
VDDO
24
operational amplifier supply voltage
Fig.2 Pin configuration.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1386TNoise shaping filter DAC 1 2 3 4 5 MoreNXP Semiconductors
LTC1164Low Power Low Noise Quad Universal Filter Building Block 1 2 3 4 5 MoreLinear Technology
MB1310Three Phase Input Noise Filter with Block Terminal 1 2 3 4 DENSEI-LAMBDA
TDA1314TQuadruple filter DAC 1 2 3 4 5 MoreNXP Semiconductors
MX133 Phase Noise filter for FA Servo System 1 2 3 4 DENSEI-LAMBDA
UDA1320ATSLow-cost stereo filter DAC 1 2 3 4 5 MoreNXP Semiconductors
LTC1064-3Low Noise High frequency 8th Order Linear Phase Lowpass Filter 1 2 3 4 5 MoreLinear Technology
PAN4820On-board type DC Noise Filter for Telecom 1 2 DENSEI-LAMBDA
SDA9254-22.6 MBit Dynamic Sequential Access Memory for Television Applications TV-SAM with On-chip Noise Reduction Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LTC1566-1Low Noise 2.3MHz Continuous Time Lowpass Filter 1 2 3 4 5 MoreLinear Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl