전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1306T 데이터시트(Datasheet) 14 Page - NXP Semiconductors

부품명 TDA1306T
상세내용  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 14 page
background image
1998 Jan 06
14
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1306T
AC CHARACTERISTICS (ANALOG)
VDDD =VDDA =VDDO = 5 V; Tamb =25 °C; all voltages referenced to ground (pins 2, 9 and 23); unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DACs
SVRR
supply voltage ripple
rejection VDDA and VDDO
fripple = 1 kHz;
Vripple = 100 mV (p-p);
C22 = 10
µF
40
dB
∆G
v
unbalance between the
2 DAC voltage outputs
(pins 18 and 21)
maximum volume
−−
0.5
dB
αct
crosstalk between the 2 DAC
voltage outputs
(pins 18 and 21)
one output digital silence
the other maximum volume
−−110
−85
dB
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
at 0 dB signal level;
fi = 1 kHz
−−70
dB
0.032
%
at
−60 dB signal level;
fi = 1 kHz
−−42
−32
dB
0.8
2.5
%
S/N
signal-to-noise ratio
no signal; A-weighted
−−108
−96
dB
Operational amplifiers
Gv
open-loop voltage gain
85
dB
PSRR
power supply rejection ratio
fripple = 3 kHz;
Vripple = 100 mV (p-p);
A-weighted
90
dB
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
RL >5kΩ;fi = 1 kHz;
Vo = 2.8 V (p-p)
−−100
dB
fUG
unity gain frequency
open loop
4.5
MHz
|Zo|
AC output impedance
RL >5kΩ−
1.5
150




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1386TNoise shaping filter DAC 1 2 3 4 5 MoreNXP Semiconductors
LTC1164Low Power Low Noise Quad Universal Filter Building Block 1 2 3 4 5 MoreLinear Technology
MB1310Three Phase Input Noise Filter with Block Terminal 1 2 3 4 DENSEI-LAMBDA
TDA1314TQuadruple filter DAC 1 2 3 4 5 MoreNXP Semiconductors
MX133 Phase Noise filter for FA Servo System 1 2 3 4 DENSEI-LAMBDA
UDA1320ATSLow-cost stereo filter DAC 1 2 3 4 5 MoreNXP Semiconductors
LTC1064-3Low Noise High frequency 8th Order Linear Phase Lowpass Filter 1 2 3 4 5 MoreLinear Technology
PAN4820On-board type DC Noise Filter for Telecom 1 2 DENSEI-LAMBDA
SDA9254-22.6 MBit Dynamic Sequential Access Memory for Television Applications TV-SAM with On-chip Noise Reduction Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LTC1566-1Low Noise 2.3MHz Continuous Time Lowpass Filter 1 2 3 4 5 MoreLinear Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl