전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1307 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1307
상세내용  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
1996 Jan 08
5
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
PINNING
SYMBOL
PIN
TYPE, I/O
DESCRIPTION
WS
1
I
word select input to data interface
SCK
2
I
clock input to data interface
SD
3
I
data input to interface
EFAB
4
I(1)
error flag (active HIGH): input from decoder chip indicating unreliable data
SBCL
5
I
subcode clock: a 10-bit burst clock (typ. 2.8224 MHz) input which synchronizes
the subcode data
SBDA
6
I
subcode data: a 10-bit burst of data, including flags and sync bits, serially input
once per frame, clocked by burst clock input SBCL
CDEC
7
O
decoder clock output: frequency division programmable by means of
pins 14 (CLC1) and 17 (CLC2) to output 192, 256, 384 or 768 times fs
VDDC3
8
positive supply 3
VSSC2
9
ground 2
DOBM
10
O
digital audio output: this output contains digital audio samples which have
received interpolation, attenuation and muting plus subcode data;
transmission is in biphase-mark code
DSL
11
O
digital silence detected (active LOW) on left channel
DSR
12
O
digital silence detected (active LOW) on right channel
DSTB
13
I(2)
DOBM standby mode enforce pin (active HIGH)
CLC1
14
I
application mode programming pin for CDEC (pin 7) frequency division
CMIC
15
O
clock output, provided to be used as running clock by microprocessor
(in master mode only), output 96fs
VSSC3
16
ground 3
CLC2
17
I
application mode programming pin for CDEC (pin 7) frequency division
CDCC
18
I
master / slave mode selection pin
RESYNC
19
O
resynchronization: out-of-lock indication from data input section (active HIGH)
POR
20
I(2)
power-on reset (active LOW)
VDDC1
21
supply voltage 1
XTAL1
22
I
crystal oscillator terminal: local crystal oscillator sense forced input in slave mode
XTAL2
23
O
crystal oscillator output: drive output to crystal
VDDOSC
24
positive supply connection to crystal oscillator circuitry
VSSOSC
25
ground connection to crystal oscillator circuitry
MODE
26
I(2)
evaluation mode programming pin (active LOW); in normal operation, this pin
should be left open-circuit or connected to the positive supply
DOL
27
O
data output left channel to bitstream DAC TDA1547
NDOL
28
O
complementary data output left channel to TDA1547 in double differential mode
VDDAL
29
positive supply connection to output data driving circuitry, left channel
VSSAL
30
ground connection to output data driving circuitry, left channel
VSSAR
31
ground connection to output data driving circuitry, right channel
VDDAR
32
positive supply connection to output data driving circuitry, right channel
DOR
33
O
data output right channel to TDA1547




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5835AF2D Digital Image Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7152Digital Video Comb Filter DCF 1 2 3 4 5 MoreNXP Semiconductors
DF1706Stereo 24-Bit 192kHz 8x Oversampling Digital Interpolation Filter 1 2 3 4 5 MoreTI store
TMC2242CDigital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out 60 MHz 1 2 3 4 5 MoreFairchild Semiconductor
TC90A80N3-Line Digital Comb Filter for VCR YNR/CNR and Skew Correctors NTSC 1 2 3 4 5 MoreToshiba Semiconductor
SAA7345CMOS digital decoding IC with RAM for Compact Disc 1 2 3 4 5 MoreNXP Semiconductors
SM5840AFor Digital Audio Multi-function Digital Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
CXD1088AQOver Sampling Digital Filter LSI 1 2 3 4 5 MoreSony Corporation
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTI store
SM58074 FOLD OVER SAMPLING DIGITAL FILTER FOR DIGITAL AUDIO 1 2 3 4 5 MoreNippon Precision Circuits Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl