전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1307 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1307
상세내용  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
1996 Jan 08
2
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
FEATURES
• Multiple format inputs: I2S, Sony 16, 18 and 20-bit
• 8-sample interpolation error concealment
• Digital mute, attenuation −12 dB
• Digital audio output function (biphase-mark encoded)
according to IEC 958
• Digital silence detection (output)
• Digital de-emphasis (selectable, FS-programmable)
• 8 × oversampling finite impulse response (FIR) filter
• DC-cancelling filter (selectable)
• Peak detection (continuous) and read-out to
microprocessor
• Fade function: sophisticated volume control
• Selectable 3rd/4th order noise shaping
• Selectable dither generation and automatic scaling
• Dedicated TDA1547 1-bit output
• Differential mode bitstream: complementary data
outputs available
• Simple 3-line serial microprocessor command interface
• Flexible system clock oscillator circuitry
• Power-on reset
• Standby function
• SDIP42 package.
QUICK REFERENCE DATA
Voltages are referenced to VSS (ground = 0 V); all VSS and all VDD connections should be connected externally to the
same supply.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDC1,2,3
supply voltage
(pins 21, 41 and 8)
4.5
5.0
5.5
V
VDDOSC
supply voltage (pin 24)
4.5
5.0
5.5
V
VDDAR
supply voltage (pin 32)
4.5
5.0
5.5
V
VDDAL
supply voltage (pin 29)
4.5
5.0
5.5
V
IDDC1,2,3
supply current
(pins 21, 41 and 8)
VDD =5V
75
mA
IDDOSC
supply current (pin 24)
VDD =5V
2
mA
IDDAR
supply current (pin 32)
VDD =5V
2
mA
IDDAL
supply current (pin 29)
VDD =5V
1
mA
fXTAL
oscillator clock frequency
33.8688
MHz
Tamb
operating ambient temperature
−20
+70
°C
Ptot
total power consumption
400
mW
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1307
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5835AF2D Digital Image Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7152Digital Video Comb Filter DCF 1 2 3 4 5 MoreNXP Semiconductors
DF1706Stereo 24-Bit 192kHz 8x Oversampling Digital Interpolation Filter 1 2 3 4 5 MoreTI store
TMC2242CDigital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out 60 MHz 1 2 3 4 5 MoreFairchild Semiconductor
TC90A80N3-Line Digital Comb Filter for VCR YNR/CNR and Skew Correctors NTSC 1 2 3 4 5 MoreToshiba Semiconductor
SAA7345CMOS digital decoding IC with RAM for Compact Disc 1 2 3 4 5 MoreNXP Semiconductors
SM5840AFor Digital Audio Multi-function Digital Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
CXD1088AQOver Sampling Digital Filter LSI 1 2 3 4 5 MoreSony Corporation
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTI store
SM58074 FOLD OVER SAMPLING DIGITAL FILTER FOR DIGITAL AUDIO 1 2 3 4 5 MoreNippon Precision Circuits Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl