전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1307 데이터시트(Datasheet) 30 Page - NXP Semiconductors

부품명 TDA1307
상세내용  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 30 page
background image
MGB987
13 k
10 k
2.61 k
1.5
k
4.7
1.62 k
1 k
470
3.3 k
3.3
k
10 k
220 pF
56 pF
3.3
nF
2.2 nF
33
nF
13 k
220 pF
820
pF
100
µH
100
µF
1/2 IC3
1/2 IC3
CON6
DE–EMPHASIS
(optional)
DE–EMPHASIS
(optional from
decoder)
KILL
(optional)
AUDIO
OUTPUT
LEFT
560 pF
J5
DSL
(optional from TDA1307)
4.7
4.7
33
µF
33
µF
C
IC3
C
+15 V DC
−15 V DC
4.7
4.7
33
µF
33
µF
C
IC4
C
J3
10 k
2.61 k
1.5
k
4.7
1.62 k
1 k
470
3.3 k
3.3
k
10 k
56 pF
10
11
12
14
15
23
22
21
ANALOG OUTPUT SECTION
TDA1547
19
18
3.3
nF
2.2 nF
33
nF
13 k
220 pF
13 k
220 pF
820
pF
100
µH
100
µF
1/2 IC4
1/2 IC4
CON7
DE–EMPHASIS
(optional)
KILL
(optional)
AUDIO
OUTPUT
RIGHT
560 pF
J6
DSR
(optional from TDA1307)
J4
Fig.19 Connections for output section of TDA1307.
C = 100 nF chip capacitor.
IC3 = IC4 = NE5532(A) or equivalent.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5835AF2D Digital Image Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7152Digital Video Comb Filter DCF 1 2 3 4 5 MoreNXP Semiconductors
DF1706Stereo 24-Bit 192kHz 8x Oversampling Digital Interpolation Filter 1 2 3 4 5 MoreTexas Instruments
TMC2242CDigital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out 60 MHz 1 2 3 4 5 MoreFairchild Semiconductor
TC90A80N3-Line Digital Comb Filter for VCR YNR/CNR and Skew Correctors NTSC 1 2 3 4 5 MoreToshiba Semiconductor
SAA7345CMOS digital decoding IC with RAM for Compact Disc 1 2 3 4 5 MoreNXP Semiconductors
SM5840AFor Digital Audio Multi-function Digital Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
CXD1088AQOver Sampling Digital Filter LSI 1 2 3 4 5 MoreSony Corporation
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SM58074 FOLD OVER SAMPLING DIGITAL FILTER FOR DIGITAL AUDIO 1 2 3 4 5 MoreNippon Precision Circuits Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl